Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD818AR-REEL7 Datasheet (PDF) - Analog Devices

AD818AR-REEL7 Datasheet PDF - Analog Devices
Part # AD818AR-REEL7
Download  AD818AR-REEL7 Download

File Size   563.54 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power Video Op Amp

AD818AR-REEL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD818AR-REEL7 Datasheet PDF - Analog Devices

Part # AD818AR-REEL7
Download  AD818AR-REEL7 Click to download

File Size   563.54 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power Video Op Amp

AD818AR-REEL7 Datasheet (HTML) - Analog Devices

Back Button AD818AR-REEL7 Datasheet HTML 1Page - Analog Devices AD818AR-REEL7 Datasheet HTML 2Page - Analog Devices AD818AR-REEL7 Datasheet HTML 3Page - Analog Devices AD818AR-REEL7 Datasheet HTML 4Page - Analog Devices AD818AR-REEL7 Datasheet HTML 5Page - Analog Devices AD818AR-REEL7 Datasheet HTML 6Page - Analog Devices AD818AR-REEL7 Datasheet HTML 7Page - Analog Devices AD818AR-REEL7 Datasheet HTML 8Page - Analog Devices AD818AR-REEL7 Datasheet HTML 9Page - Analog Devices AD818AR-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD818AR-REEL7 Product details

GENERAL DESCRIPTION
The AD818 is a low cost video op amp optimized for use in video applications that require gains equal to or greater than +2 or –1. The AD818’s low differential gain and phase errors, single supply functionality, low power, and high output drive make it ideal for cable driving applications such as video cameras and professional video equipment.
With video specs like 0.1 dB flatness to 55 MHz and low differential gain and phase errors of 0.01% and 0.05∞, along with 50 mA of output current, the AD818 is an excellent choice for any video application. The 130 MHz 3 dB bandwidth (G = +2) and 500 V/ms slew rate make the AD818 useful in many high speed applications including video monitors, CATV, color copiers, image scanners, and fax machines.
The AD818 is fully specified for operation with a single +5 V power supply and with dual supplies from ±5 V to ±15 V. This power supply flexibility, coupled with a very low supply current of 7.5 mA and excellent ac characteristics under all power supply conditions, make the AD818 the ideal choice for many demanding yet power sensitive applications.
The AD818 is a voltage feedback op amp and excels as a gain stage in high speed and video systems (gain ≥ 2, or gain £ –1). It achieves a settling time of 45 ns to 0.1%, with a low input offset voltage of 2 mV max.
The AD818 is available in low cost, small 8-lead PDIP and SOIC packages.

FEATURES
   Low Cost
   Excellent Video Performance
      55 MHz 0.1 dB Bandwidth (Gain = +2)
      0.01% and 0.05° Differential Gain and Phase Errors
   High Speed
      130 MHz Bandwidth (3 dB, G = +2)
      100 MHz Bandwidth (3 dB, G+ = –1)
      500 V/μs Slew Rate
      80 ns Settling Time to 0.01% (VO = 10 V Step)
   High Output Drive Capability
      50 mA Minimum Output Current
      Ideal for Driving Back Terminated Cables
   Flexible Power Supply
      Specified for Single (+5 V) and Dual (±5 V to ±15 V) Power Supplies
      Low Power: 7.5 mA Max Supply Current
   Available in 8-Lead SOIC and 8-Lead PDIP




Similar Part No. - AD818AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818AR-REEL7 AD-AD818AR-REEL7 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818AR-REEL7 AD-AD818AR-REEL7 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
More results


Similar Description - AD818AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_15 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
logo
Intersil Corporation
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
   Low Cost, Gain of 1, Video Op Amp
EL2111 INTERSIL-EL2111 Datasheet
102Kb / 6P
   Low Cost, Gain of 2, Video Op Amp
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
LT1097 LINER-LT1097_15 Datasheet
199Kb / 12P
   Low Cost, Low Power Precision Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com