Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ208P Datasheet (PDF) - Fairchild Semiconductor

FDZ208P Datasheet PDF - Fairchild Semiconductor
Part # FDZ208P
Download  FDZ208P Download

File Size   195.9 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 30 Volt PowerTrench BGA MOSFET

FDZ208P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDZ208P Datasheet PDF - Fairchild Semiconductor

Part # FDZ208P
Download  FDZ208P Click to download

File Size   195.9 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 30 Volt PowerTrench BGA MOSFET

FDZ208P Datasheet (HTML) - Fairchild Semiconductor

FDZ208P Datasheet HTML 1Page - Fairchild Semiconductor FDZ208P Datasheet HTML 2Page - Fairchild Semiconductor FDZ208P Datasheet HTML 3Page - Fairchild Semiconductor FDZ208P Datasheet HTML 4Page - Fairchild Semiconductor FDZ208P Datasheet HTML 5Page - Fairchild Semiconductor

FDZ208P Product details

General Description
Combining Fairchild’s advanced 30 Volt P-Channel Trench II Process with – 25 Volts Vgs. Abs. Max Gate Rating for the ultimate low rDS(on) Battery Protection MOSFET. This MOSFET also embodies a breakthrough in packaging technology which enables the device to combine excellent thermal transfer characteristics, high current handling capability, ultra low profile packaging, low gate charge, and low rDS(on).

Features
• –12.5 A, –30 V. rDS(on) = 10.5 mW @ VGS = –10 V
                  rDS(on) = 16.5 mW @ VGS = –4.5 V
• Occupies only 14 mm2 of PCB area. Only 42% of the area of SO-8
• Ultra-thin package: less than 0.8 mm height when mounted to PCB
• 3.5 x 4 mm2 footprint
• High power and current handling capability

Applications
• Battery management
• Load switch
• Battery protection




Similar Part No. - FDZ208P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDZ20 FS-FDZ20 Datasheet
259Kb / 3P
   Zener Diode
logo
Fairchild Semiconductor
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ201N FAIRCHILD-FDZ201N_04 Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
More results


Similar Description - FDZ208P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDS6673AZ FAIRCHILD-FDS6673AZ Datasheet
130Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com