Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA05CC0WFP-E2 Datasheet (PDF) - Rohm

BA05CC0WFP-E2 Datasheet PDF - Rohm
Part # BA05CC0WFP-E2
Download  BA05CC0WFP-E2 Download

File Size   493.08 Kbytes
Page   23 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2A/1A Fixed OutputLDORegulators With ShutdownSwicth

BA05CC0WFP-E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA05CC0WFP-E2 Datasheet PDF - Rohm

Part # BA05CC0WFP-E2
Download  BA05CC0WFP-E2 Click to download

File Size   493.08 Kbytes
Page   23 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2A/1A Fixed OutputLDORegulators With ShutdownSwicth

BA05CC0WFP-E2 Datasheet (HTML) - Rohm

Back Button BA05CC0WFP-E2 Datasheet HTML 1Page - Rohm BA05CC0WFP-E2 Datasheet HTML 2Page - Rohm BA05CC0WFP-E2 Datasheet HTML 3Page - Rohm BA05CC0WFP-E2 Datasheet HTML 4Page - Rohm BA05CC0WFP-E2 Datasheet HTML 5Page - Rohm BA05CC0WFP-E2 Datasheet HTML 6Page - Rohm BA05CC0WFP-E2 Datasheet HTML 7Page - Rohm BA05CC0WFP-E2 Datasheet HTML 8Page - Rohm BA05CC0WFP-E2 Datasheet HTML 9Page - Rohm BA05CC0WFP-E2 Datasheet HTML 10Page - Rohm Next Button 

BA05CC0WFP-E2 Product details

General Description

Standard Fixed Output LDO Regulators are low-saturation regulators, available for output s up to 2A / 1A. ROHM has a wide output voltage range and package lineup with and without shutdown switches. This IC has a built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits, a thermal shut-down circuit that protects the IC from damage due to overloading and an over-voltage protection circuit that protects the IC from surges generated in the power supply line of the IC.



Features
■ ± 1% highly accurate output voltage (BAxxDD0xx)
■ Low saturation with PNP output
■ Built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits
■ Built-in thermal shutdown circuit for protecting the IC from damage due to overloading
■ Built-in over- voltage protection circuit that prevents the destruction of the IC due to power supply surges

Applications
    Used in DSP power supplies for DVD and CD players, FPDs, televisions, personal computers or any other consumer device




Similar Part No. - BA05CC0WFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA05CC0WFP-E2 ROHM-BA05CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA05CC0WFP-E2 ROHM-BA05CC0WFP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results


Similar Description - BA05CC0WFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA08CC0FP-E2 ROHM-BA08CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
logo
SHENZHEN FUMAN ELECTRON...
FM5881A FUMAN-FM5881A Datasheet
631Kb / 7P
   1A/1.5A/2A current limiting switch
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com