Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH60N6S2 Datasheet (PDF) - Fairchild Semiconductor

FGH60N6S2 Datasheet PDF - Fairchild Semiconductor
Part # FGH60N6S2
Download  FGH60N6S2 Download

File Size   175.62 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, SMPS II Series N-Channel IGBT

FGH60N6S2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FGH60N6S2 Datasheet PDF - Fairchild Semiconductor

Part # FGH60N6S2
Download  FGH60N6S2 Click to download

File Size   175.62 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V, SMPS II Series N-Channel IGBT

FGH60N6S2 Datasheet (HTML) - Fairchild Semiconductor

FGH60N6S2 Datasheet HTML 1Page - Fairchild Semiconductor FGH60N6S2 Datasheet HTML 2Page - Fairchild Semiconductor FGH60N6S2 Datasheet HTML 3Page - Fairchild Semiconductor FGH60N6S2 Datasheet HTML 4Page - Fairchild Semiconductor FGH60N6S2 Datasheet HTML 5Page - Fairchild Semiconductor FGH60N6S2 Datasheet HTML 6Page - Fairchild Semiconductor FGH60N6S2 Datasheet HTML 7Page - Fairchild Semiconductor FGH60N6S2 Datasheet HTML 8Page - Fairchild Semiconductor



Similar Part No. - FGH60N6S2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH60N60 ONSEMI-FGH60N60 Datasheet
488Kb / 11P
   IGBT - Field Stop 600 V, 60 A
January, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGH60N60SF FAIRCHILD-FGH60N60SF Datasheet
647Kb / 8P
   600V, 60A Field Stop IGBT
FGH60N60SFD FAIRCHILD-FGH60N60SFD Datasheet
768Kb / 9P
   600V, 60A Field Stop IGBT
FGH60N60SFDTU FAIRCHILD-FGH60N60SFDTU Datasheet
768Kb / 9P
   600V, 60A Field Stop IGBT
FGH60N60SFDTU FAIRCHILD-FGH60N60SFDTU Datasheet
418Kb / 9P
   600 V, 60 A Field Stop IGBT
Rev. 1.4 March 2015
More results


Similar Description - FGH60N6S2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH50N6S2 FAIRCHILD-FGH50N6S2 Datasheet
173Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2_01 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGB30N6S2T FAIRCHILD-FGB30N6S2T Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH20N6S2 FAIRCHILD-FGH20N6S2 Datasheet
183Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH40N6S2 FAIRCHILD-FGH40N6S2 Datasheet
176Kb / 8P
   600V, SMPS II Series N-Channel IGBT
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com