Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN1027M Datasheet (PDF) - Fairchild Semiconductor

FIN1027M Datasheet PDF - Fairchild Semiconductor
Part # FIN1027M
Download  FIN1027M Download

File Size   946.5 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3.3V LVDS 2-Bit High Speed Differential Driver

FIN1027M Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN1027M Datasheet PDF - Fairchild Semiconductor

Part # FIN1027M
Download  FIN1027M Click to download

File Size   946.5 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3.3V LVDS 2-Bit High Speed Differential Driver

FIN1027M Datasheet (HTML) - Fairchild Semiconductor

Back Button FIN1027M Datasheet HTML 1Page - Fairchild Semiconductor FIN1027M Datasheet HTML 2Page - Fairchild Semiconductor FIN1027M Datasheet HTML 3Page - Fairchild Semiconductor FIN1027M Datasheet HTML 4Page - Fairchild Semiconductor FIN1027M Datasheet HTML 5Page - Fairchild Semiconductor FIN1027M Datasheet HTML 6Page - Fairchild Semiconductor FIN1027M Datasheet HTML 7Page - Fairchild Semiconductor FIN1027M Datasheet HTML 8Page - Fairchild Semiconductor FIN1027M Datasheet HTML 9Page - Fairchild Semiconductor FIN1027M Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FIN1027M Product details

General Description
This dual driver is designed for high speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. The driver translates LVTTL signal levels to LVDS levels with a typical differential output swing of 350 mV which provides low EMI at ultra low power dissipation even at high frequencies. This device is ideal for high speed transfer of clock or data.
The FIN1027 or FIN1027A can be paired with its companion receiver, the FIN1028, or with any other LVDS receiver.

Features
■ Greater than 600Mbs data rate
■ 3.3V power supply operation
■ 0.5ns maximum differential pulse skew
■ 1.5ns maximum propagation delay
■ Low power dissipation
■ Power-Off protection
■ Meets or exceeds the TIA/EIA-644 LVDS standard
■ Flow-through pinout simplifies PCB layout
■ 8-Lead SOIC, US8, and 8-terminal MLP packages save space




Similar Part No. - FIN1027M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1027M FAIRCHILD-FIN1027M Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027MX FAIRCHILD-FIN1027MX Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
More results


Similar Description - FIN1027M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com