Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN1101 Datasheet (PDF) - Fairchild Semiconductor

FIN1101 Datasheet PDF - Fairchild Semiconductor
Part # FIN1101
Download  FIN1101 Download

File Size   267.83 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description LVDS Single Port High Speed Repeater

FIN1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN1101 Datasheet PDF - Fairchild Semiconductor

Part # FIN1101
Download  FIN1101 Click to download

File Size   267.83 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description LVDS Single Port High Speed Repeater

FIN1101 Datasheet (HTML) - Fairchild Semiconductor

FIN1101 Datasheet HTML 1Page - Fairchild Semiconductor FIN1101 Datasheet HTML 2Page - Fairchild Semiconductor FIN1101 Datasheet HTML 3Page - Fairchild Semiconductor FIN1101 Datasheet HTML 4Page - Fairchild Semiconductor FIN1101 Datasheet HTML 5Page - Fairchild Semiconductor FIN1101 Datasheet HTML 6Page - Fairchild Semiconductor

FIN1101 Product details

General Description
This single port repeater is designed for high speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. It accepts and outputs LVDS levels with a typical differential output swing of 330 mV which provides low EMI at ultra low power dissipation even at high frequencies. It can directly accept multiple differential I/O including: LVPECL, HSTL, and SSTL-2 for translating directly to LVDS.

Features
■ Up to 1.6 Gb/s full differential path
■ 3.5 ps max random jitter and 135 ps max deterministic jitter
■ 3.3V power supply operation
■ Wide rail-to-rail common mode range
■ Ultra low power consumption
■ LVDS receiver inputs accept LVPECL, HSTL, and SSTL-2 directly
■ Power off protection
■ 7 kV HBM ESD protection (all pins)
■ Meets or exceed the TA/EIA-644-A LVDS standard
■ Packaged in 8-pin SOIC and US8
■ Open circuit fail safe protection




Similar Part No. - FIN1101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
FIN1101K8X ONSEMI-FIN1101K8X Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
FIN1101M ONSEMI-FIN1101M Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
FIN1101MX ONSEMI-FIN1101MX Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
More results


Similar Description - FIN1101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Fairchild Semiconductor
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
   LVDS 8 Port High Speed Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
[Old version datasheet]   16-PORT LVDS REPEATER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com