Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NES240-24 Datasheet (PDF) - TDK Electronics

NES240-24 Datasheet PDF - TDK Electronics
Part # NES240-24
Download  NES240-24 Download

File Size   259.89 Kbytes
Page   3 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description DIN rail mountable

NES240-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES240-24 Datasheet PDF - TDK Electronics

Part # NES240-24
Download  NES240-24 Click to download

File Size   259.89 Kbytes
Page   3 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description DIN rail mountable

NES240-24 Datasheet (HTML) - TDK Electronics

NES240-24 Datasheet HTML 1Page - TDK Electronics NES240-24 Datasheet HTML 2Page - TDK Electronics NES240-24 Datasheet HTML 3Page - TDK Electronics

NES240-24 Product details

Features
● DIN rail standard mounting: EN50022-35 x 7.5 or 35 x 15
● Universal input: 85 ~ 265VAC continuous input voltage
● Harmonic correction: IEC1000-3-2
● Connection capacity: Solid or standard/Conductor sizes  0.2 ~ 2.5 mm2/24 ~ 14AWG. Standard
● CE marking: Low Voltage Directive
● Safety: EN60950/UL1950/CAS950/UL508




Similar Part No. - NES240-24

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
NES240-24 LAMBDA-NES240-24 Datasheet
674Kb / 3P
   DIN rail mountable type 30 ~ 240W
More results


Similar Description - NES240-24

ManufacturerPart #DatasheetDescription
logo
Weidmuller
6720005430 WEIDMULLER-6720005430 Datasheet
902Kb / 6P
   AC Outlet DIN-Rail Mountable Receptacles
logo
Chinfa Electronics Ind....
DRP20 CHINFA-DRP20 Datasheet
299Kb / 3P
   20A DIN RAIL MOUNTABLE REDUNDANT MODULE
DRP10 CHINFA-DRP10 Datasheet
156Kb / 3P
   10A DIN RAIL MOUNTABLE REDUNDANT MODULE
logo
DENSEI-LAMBDA
NES120 LAMBDA-NES120 Datasheet
674Kb / 3P
   DIN rail mountable type 30 ~ 240W
logo
Powerbox
PBDRP10 POWERBOX-PBDRP10 Datasheet
44Kb / 1P
   10A REDUNDANT MODULE DIN RAIL MOUNTABLE
PBDRP20 POWERBOX-PBDRP20 Datasheet
51Kb / 1P
   20A REDUNDANT MODULE DIN RAIL MOUNTABLE
logo
List of Unclassifed Man...
84115501 ETC2-84115501 Datasheet
520Kb / 4P
   DIN-Rail Mountable Single Point Input Modules
DR-IAC5 ETC2-DR-IAC5 Datasheet
550Kb / 4P
   DIN-Rail Mountable Single Point Input Modules
84130105 ETC2-84130105 Datasheet
533Kb / 4P
   DIN-Rail Mountable Single Point Output Modules (35mm DIN)
DR-OAC ETC2-DR-OAC Datasheet
552Kb / 4P
   DIN-Rail Mountable Single Point Output Modules
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com