Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS60A561KE550 Datasheet (PDF) - Kemet Corporation

ALS60A561KE550 Datasheet PDF - Kemet Corporation
Part # ALS60A561KE550
Download  ALS60A561KE550 Download

File Size   58.48 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Capacitor, aluminum, 560 uF, /-20% Tol, -40/85C, 550V@85C

ALS60A561KE550 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALS60A561KE550 Datasheet PDF - Kemet Corporation

Part # ALS60A561KE550
Download  ALS60A561KE550 Click to download

File Size   58.48 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Capacitor, aluminum, 560 uF, /-20% Tol, -40/85C, 550V@85C

ALS60A561KE550 Datasheet (HTML) - Kemet Corporation

ALS60A561KE550 Datasheet HTML 1Page - Kemet Corporation



Similar Part No. - ALS60A561KE550

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS60A102KJ550 KEMET-ALS60A102KJ550 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, ALS60, 1000 uF, 20%, 550 V, -40/85C
ALS60A102ME550 KEMET-ALS60A102ME550 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, ALS60, 1000 uF, 20%, 550 V, -40/85C
ALS60A122KM550 KEMET-ALS60A122KM550 Datasheet
74Kb / 1P
   Aluminum Electrolytic, 85C, ALS60, 1200 uF, 20%, 550 V, -40/85C
ALS60A182MM550 KEMET-ALS60A182MM550 Datasheet
75Kb / 1P
   Aluminum Electrolytic, 85C, ALS60, 1800 uF, 20%, 550 V, -40/85C
ALS60A182NF550 KEMET-ALS60A182NF550 Datasheet
75Kb / 1P
   Aluminum Electrolytic, 85C, ALS60, 1800 uF, 20%, 550 V, -40/85C
More results


Similar Description - ALS60A561KE550

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALA7DA561DD400 KEMET-ALA7DA561DD400 Datasheet
66Kb / 1P
   ALA7D, Aluminum Electrolytic, 85C, 560 uF, 20%, 400 VDC, -40/85C
ALA7DA561DE450 KEMET-ALA7DA561DE450 Datasheet
66Kb / 1P
   ALA7D, Aluminum Electrolytic, 85C, 560 uF, 20%, 450 VDC, -40/85C
A66-1 KEMET-A66-1 Datasheet
56Kb / 1P
   Capacitor, aluminum, 1000 uF, -10/30% Tol, -40/85C, 63V@85C
PEH169RK433VMU2 KEMET-PEH169RK433VMU2 Datasheet
60Kb / 1P
   Capacitor, aluminum, 3300 uF, /-20% Tol, -40/85C, 200VDC@85째 C
ALT22A472AB040 KEMET-ALT22A472AB040 Datasheet
77Kb / 1P
   Aluminum Electrolytic, 85C, ALT22, 4700 uF, 20%, 40 V, -40/85C
ALS70A122DF450 KEMET-ALS70A122DF450 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 1200 uF, 20%, 450 V, -40/85C
ALS70A132KE500 KEMET-ALS70A132KE500 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 1300 uF, 20%, 500 V, -40/85C
ALS70A332KF350 KEMET-ALS70A332KF350 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 3300 uF, 20%, 350 V, -40/85C
ALS70A622NJ450 KEMET-ALS70A622NJ450 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 6200 uF, 20%, 450 V, -40/85C
ALS70A822QM450 KEMET-ALS70A822QM450 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS70, 8200 uF, 20%, 450 V, -40/85C
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com