Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L12ACZ Datasheet (PDF) - Fairchild Semiconductor

LM78L12ACZ Datasheet PDF - Fairchild Semiconductor
Part # LM78L12ACZ
Download  LM78L12ACZ Download

File Size   259.92 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator

LM78L12ACZ Datasheet (PDF)

Go To PDF Page Download Datasheet
LM78L12ACZ Datasheet PDF - Fairchild Semiconductor

Part # LM78L12ACZ
Download  LM78L12ACZ Click to download

File Size   259.92 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description MC78LXXA / LM78LXXA 3-Terminal 0.1 A Positive Voltage Regulator

LM78L12ACZ Datasheet (HTML) - Fairchild Semiconductor

Back Button LM78L12ACZ Datasheet HTML 1Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 2Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 3Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 4Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 5Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 6Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 7Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 8Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 9Page - Fairchild Semiconductor LM78L12ACZ Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

LM78L12ACZ Product details

Description

The MC78LXXA / LM78LXXA series of fixed-voltage monolithic integrated circuit voltage regulators are suitable for applications that required supply current up to 100 mA.



Features

• Maximum Output Current of 100 mA

• Output Voltage of 5 V, 6 V, 8 V, 12 V, and 15 V

• Thermal Overload Protection

• Short-Circuit Current Limiting

• Output Voltage Offered in ±5% Tolerance




Similar Part No. - LM78L12ACZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L12ACZ NSC-LM78L12ACZ Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78L12ACZ NSC-LM78L12ACZ Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Fairchild Semiconductor
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
LM78L12ACZ FAIRCHILD-LM78L12ACZ Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results


Similar Description - LM78L12ACZ

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
MC78M05CDTX FAIRCHILD-MC78M05CDTX Datasheet
297Kb / 9P
   3-Terminal 0.5 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com