Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24C04UL Datasheet (PDF) - Fairchild Semiconductor

FM24C04UL Datasheet PDF - Fairchild Semiconductor
Part # FM24C04UL
Download  FM24C04UL Download

File Size   105.7 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM

FM24C04UL Datasheet (PDF)

Go To PDF Page Download Datasheet
FM24C04UL Datasheet PDF - Fairchild Semiconductor

Part # FM24C04UL
Download  FM24C04UL Click to download

File Size   105.7 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM

FM24C04UL Datasheet (HTML) - Fairchild Semiconductor

Back Button FM24C04UL Datasheet HTML 1Page - Fairchild Semiconductor FM24C04UL Datasheet HTML 2Page - Fairchild Semiconductor FM24C04UL Datasheet HTML 3Page - Fairchild Semiconductor FM24C04UL Datasheet HTML 4Page - Fairchild Semiconductor FM24C04UL Datasheet HTML 5Page - Fairchild Semiconductor FM24C04UL Datasheet HTML 6Page - Fairchild Semiconductor FM24C04UL Datasheet HTML 7Page - Fairchild Semiconductor FM24C04UL Datasheet HTML 8Page - Fairchild Semiconductor FM24C04UL Datasheet HTML 9Page - Fairchild Semiconductor FM24C04UL Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FM24C04UL Product details

General Description

The FM24C04U/05U devices are 4096 bits of CMOS non-volatile electrically erasable memory. These devices conform to all specifications in the Standard IIC 2-wire protocol.  They are designed to minimize device pin count and simplify PC board layout requirements.



Features

■ Extended operating voltage 2.7V – 5.5V

■ 400 KHz clock frequency (F) at 2.7V - 5.5V

■ 200µA active current typical

    10µA standby current typical

    1µA standby current typical (L)

    0.1µA standby current typical (LZ)

■ IIC compatible interface

    – Provides bi-directional data transfer protocol

■  Sixteen byte page write mode

    – Minimizes total write time per byte

■ Self timed write cycle

    Typical write cycle time of 6ms

■ Hardware Write Protect for upper half (FM24C05U only)

■ Endurance: 1,000,000 data changes

■ Data retention greater than 40 years

■ Packages available: 8-pin DIP, 8-pin SO, and 8-pin TSSOP

■ Available in three temperature ranges

    - Commercial: 0°to +70°C

    - Extended (E): -40°to +85C

    - Automotive (V): -40°to +125°C




Similar Part No. - FM24C04UL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C04U/05U FAIRCHILD-FM24C04U/05U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U/05U FAIRCHILD-FM24C04U/05U Datasheet
105Kb / 14P
   8K-Bit Standard 2-Wire Bus
More results


Similar Description - FM24C04UL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com