Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T10AY Datasheet (PDF) - STMicroelectronics

SM15T10AY Datasheet PDF - STMicroelectronics
Part # SM15T10AY
Download  SM15T10AY Download

File Size   227.29 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1500 W Transil

SM15T10AY Datasheet (PDF)

Go To PDF Page Download Datasheet
SM15T10AY Datasheet PDF - STMicroelectronics

Part # SM15T10AY
Download  SM15T10AY Click to download

File Size   227.29 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1500 W Transil

SM15T10AY Datasheet (HTML) - STMicroelectronics

Back Button SM15T10AY Datasheet HTML 1Page - STMicroelectronics SM15T10AY Datasheet HTML 2Page - STMicroelectronics SM15T10AY Datasheet HTML 3Page - STMicroelectronics SM15T10AY Datasheet HTML 4Page - STMicroelectronics SM15T10AY Datasheet HTML 5Page - STMicroelectronics SM15T10AY Datasheet HTML 6Page - STMicroelectronics SM15T10AY Datasheet HTML 7Page - STMicroelectronics SM15T10AY Datasheet HTML 8Page - STMicroelectronics SM15T10AY Datasheet HTML 9Page - STMicroelectronics SM15T10AY Datasheet HTML 10Page - STMicroelectronics Next Button 

SM15T10AY Product details

Description
The SM15TY Transil series has been designed to protect sensitive automotive circuits against surges defined in ISO 7637-2 and against electrostatic discharges according to ISO 10605.
The Planar technology makes it compatible with high-end circuits where low leakage current and high junction temperature are required to provide reliability and stability over time. SM15TY are packaged in SMC (SMC footprint in accordance with IPC 7531 standard).

Features
■ Peak pulse power:
   – 1500 W (10/1000 µs)
   – 10 kW (8/20 µs)
■ Stand-off voltage range: from 5.8 V to 70 V
■ Unidirectional and bidirectional types
■ Low leakage current:
   – 0.2 µA at 25 °C
   – 1 µA at 85 °C
■ Operating Tj max: 150 °C
■ High power capability at Tjmax:
   – 1250 W (10/1000 µs)
■ JEDEC registered package outline
■ Resin meets UL 94, V0
■ AEC-Q101 qualified

Complies with the following standards
■ ISO 10605, C = 150 pF - R = 330 Ω:
   – 30 kV (air discharge)
   – 30 kV (contact discharge)
■ ISO 10605 - C = 330 pF, R = 330 Ω:
   – 30 kV (air discharge)
   – 30 kV (contact discharge)
■ ISO 7637-2(a)
   – Pulse 1: VS = -100 V
   – Pulse 2a: VS = +50 V
   – Pulse 3a: VS = -150 V
   – Pulse 3b: VS = +100 V




Similar Part No. - SM15T10AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T10A STMICROELECTRONICS-SM15T10A Datasheet
189Kb / 5P
   TRANSILTM
logo
General Semiconductor
SM15T10A GE-SM15T10A Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T10A STMICROELECTRONICS-SM15T10A Datasheet
125Kb / 9P
   TransilTM
logo
Vishay Siliconix
SM15T10A VISHAY-SM15T10A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T10A MDE-SM15T10A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SM15T10AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15TY STMICROELECTRONICS-SM15TY Datasheet
171Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com