Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8211DI-05 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8211DI-05 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8211DI-05
Download  AOZ8211DI-05 Download

File Size   362.09 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 0ne-line TVS Diode

AOZ8211DI-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8211DI-05 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8211DI-05
Download  AOZ8211DI-05 Click to download

File Size   362.09 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 0ne-line TVS Diode

AOZ8211DI-05 Datasheet (HTML) - Alpha & Omega Semiconductors

AOZ8211DI-05 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8211DI-05 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8211DI-05 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8211DI-05 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8211DI-05 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8211DI-05 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8211DI-05 Datasheet HTML 7Page - Alpha & Omega Semiconductors

AOZ8211DI-05 Product details

General Description
The AOZ8211 is a one-line transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
This device incorporates one TVS diode in an ultra-small DFN 1.0 mm x 0.6 mm package. During transient conditions, the one-line TVS diode directs the transient to ground. It may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15 kV air, ±8 kV contact discharge).

Features
 • ESD protection for high-speed data lines:
    AOZ8211DI-02
        – Exceeds: IEC 61000-4-2 (ESD) ±30 kV (air), ±30 kV (contact)
        – Human Body Model (HBM) ±30 kV
    AOZ8211DI-03
        – Exceeds: IEC 61000-4-2 (ESD) ±30 kV (air), ±30 kV (contact)
        – Human Body Model (HBM) ±30 kV
    AOZ8211DI-05
        – Exceeds: IEC 61000-4-2 (ESD) ±28 kV (air), ±28 kV (contact)
        – Human Body Model (HBM) ±30 kV
    AOZ8211DI-12
        – Exceeds: IEC 61000-4-2 (ESD) ±28 kV (air), ±28 kV (contact)
        – Human Body Model (HBM) ±30 kV
    AOZ8211DI-24
        – Exceeds: IEC 61000-4-2 (ESD) ±15 kV (air), ±18 kV (contact)
        – Human Body Model (HBM) ±30 kV
 • Small package saves board space
 • Low insertion loss
 • Low clamping voltage
 • Low operating voltage: 2.5 V, 3.3 V, 5 V, 12 V and 24 V

Applications
 • Portable handheld devices
 • Keypads, data lines, buttons
 • Notebook computers
 • Digital cameras
 • Portable GPS
 • MP3 players




Similar Part No. - AOZ8211DI-05

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8211DI-05 AOSMD-AOZ8211DI-05 Datasheet
314Kb / 5P
   0ne-line TVS Diode
Rev. 5.0 June 2021
More results


Similar Description - AOZ8211DI-05

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8211DI AOSMD-AOZ8211DI Datasheet
314Kb / 5P
   0ne-line TVS Diode
Rev. 5.0 June 2021
AOZ8235 AOSMD-AOZ8235 Datasheet
291Kb / 6P
   Five-line TVS Diode
logo
Galaxy Semi-Conductor H...
SD05 BILIN-SD05 Datasheet
172Kb / 4P
   Single Line TVS Diode
SD24 BILIN-SD24 Datasheet
196Kb / 3P
   Single Line TVS Diode
GESDXVXD3 BILIN-GESDXVXD3 Datasheet
234Kb / 5P
   Single Line TVS Diode
logo
Alpha & Omega Semicondu...
AOZ8222DI-05 AOSMD-AOZ8222DI-05 Datasheet
263Kb / 7P
   Two-line TVS Diode
logo
Shenzhen Luguang Electr...
GESD5V0D1 LUGUANG-GESD5V0D1 Datasheet
215Kb / 3P
   Single Line TVS Diode
logo
Alpha & Omega Semicondu...
AOZ8234 AOSMD-AOZ8234 Datasheet
287Kb / 6P
   Four-line TVS Diode
AOZ8211 AOSMD-AOZ8211 Datasheet
295Kb / 6P
   One-line TVS Diode
logo
KEC(Korea Electronics)
PG24GSUSC KEC-PG24GSUSC Datasheet
551Kb / 2P
   Single Line TVS Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com