Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA-350 Datasheet (PDF) - List of Unclassifed Manufacturers

CA-350 Datasheet PDF - List of Unclassifed Manufacturers
Part # CA-350
Download  CA-350 Download

File Size   632.91 Kbytes
Page   18 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Aluminium enclosures CA series

CA-350 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA-350 Datasheet PDF - List of Unclassifed Manufacturers

Part # CA-350
Download  CA-350 Click to download

File Size   632.91 Kbytes
Page   18 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Aluminium enclosures CA series

CA-350 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button CA-350 Datasheet HTML 1Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 2Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 3Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 4Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-350 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

CA-350 Product details

[BERNSTEIN]



Aluminium enclosures



BERNSTEIN aluminium enclosures are ideally suited to housing electrical, electronic or pneumatic components.

Their high mechanical strength ensures excellent protection against impact and all sizes are sealed to IP 65, according to IEC 529.



 




Similar Part No. - CA-350

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-354S TENSILITY-CA-354S Datasheet
85Kb / 2P
   Cable, 4 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
CA-354S-M/M TENSILITY-CA-354S-M/M Datasheet
55Kb / 2P
   Cable, 4 conductor, 3.5 mm plug to 3.5 mm, no ring, 6 feet, shielded, 26 AWG
CA-354S-MM TENSILITY-CA-354S-MM Datasheet
55Kb / 2P
   Cable, 4 conductor, 3.5 mm plug to 3.5 mm, no ring, 6 feet, shielded, 26 AWG
CA-356CS TENSILITY-CA-356CS Datasheet
58Kb / 2P
   Cable, 6 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
More results


Similar Description - CA-350

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
   Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
   IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com