Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPBL30SL60 Datasheet (PDF) - Fairchild Semiconductor

FPBL30SL60 Datasheet PDF - Fairchild Semiconductor
Part # FPBL30SL60
Download  FPBL30SL60 Download

File Size   634.57 Kbytes
Page   17 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Smart Power Module (SPM)

FPBL30SL60 Datasheet (PDF)

Go To PDF Page Download Datasheet
FPBL30SL60 Datasheet PDF - Fairchild Semiconductor

Part # FPBL30SL60
Download  FPBL30SL60 Click to download

File Size   634.57 Kbytes
Page   17 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Smart Power Module (SPM)

FPBL30SL60 Datasheet (HTML) - Fairchild Semiconductor

Back Button FPBL30SL60 Datasheet HTML 1Page - Fairchild Semiconductor FPBL30SL60 Datasheet HTML 2Page - Fairchild Semiconductor FPBL30SL60 Datasheet HTML 3Page - Fairchild Semiconductor FPBL30SL60 Datasheet HTML 4Page - Fairchild Semiconductor FPBL30SL60 Datasheet HTML 5Page - Fairchild Semiconductor FPBL30SL60 Datasheet HTML 6Page - Fairchild Semiconductor FPBL30SL60 Datasheet HTML 7Page - Fairchild Semiconductor FPBL30SL60 Datasheet HTML 8Page - Fairchild Semiconductor FPBL30SL60 Datasheet HTML 9Page - Fairchild Semiconductor FPBL30SL60 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FPBL30SL60 Product details

General Description
FPBL30SL60 is an advanced smart power module (SPM) that Fairchild has newly developed and designed to provide very compact and low cost, yet high performance ac motor drives mainly targeting low speed low-power inverter-driven application like air conditioners. It combines optimized circuit protection and drive matched to low-loss IGBTs.

Features
• UL Certified No. E209204
• 600V-30A 3-phase IGBT inverter bridge including control ICs for gate driving and protection
• Single-grounded power supply due to built-in HVIC
• Typical switching frequency of 3kHz
• Inverter power rating of 2kW / 100~253 Vac
• Isolation rating of 2500Vrms/min.
• Very low leakage current due to using ceramic substrate
• Adjustable current protection level by varying series resistor value with sense-IGBTs

Applications
• AC 100V ~ 253V three-phase inverter drive for small power (2kW) ac motor drives
• Home appliances applications requiring low switching frequency operation like air conditioners drive system
• Application ratings:
    - Power : 2kW / 100~253 Vac
    - Switching frequency : Typical 3kHz (PWM Control)
    - 100% load current : 15A (Irms)




Similar Part No. - FPBL30SL60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPBL10SH60 FAIRCHILD-FPBL10SH60 Datasheet
295Kb / 17P
   Smart Power Module (SPM)
FPBL15SH60 FAIRCHILD-FPBL15SH60 Datasheet
284Kb / 17P
   Smart Power Module (SPM)
FPBL15SL60 FAIRCHILD-FPBL15SL60 Datasheet
285Kb / 17P
   Smart Power Module (SPM)
FPBL15SM60 FAIRCHILD-FPBL15SM60 Datasheet
285Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
More results


Similar Description - FPBL30SL60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com