Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA33N10L Datasheet (PDF) - Fairchild Semiconductor

FQA33N10L Datasheet PDF - Fairchild Semiconductor
Part # FQA33N10L
Download  FQA33N10L Download

File Size   642.58 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V LOGIC N-Channel MOSFET

FQA33N10L Datasheet (PDF)

Go To PDF Page Download Datasheet
FQA33N10L Datasheet PDF - Fairchild Semiconductor

Part # FQA33N10L
Download  FQA33N10L Click to download

File Size   642.58 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V LOGIC N-Channel MOSFET

FQA33N10L Datasheet (HTML) - Fairchild Semiconductor

FQA33N10L Datasheet HTML 1Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 2Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 3Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 4Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 5Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 6Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 7Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 8Page - Fairchild Semiconductor

FQA33N10L Product details


General Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for low voltage applications such as high efficiency switching DC/DC converters, and DC motor control.




Features

1. 36A, 100V, RDS(on)= 0.052Ω@VGS= 10 V

2. Low gate charge ( typical 30 nC)

3. Low Crss ( typical 70 pF)

4. Fast switching

5. 100% avalanche tested

6. Improved dv/dt capability

7. 175°C maximum junction temperature rating




Similar Part No. - FQA33N10L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQA33N10L ISC-FQA33N10L Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FQA33N10L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQB33N10L FAIRCHILD-FQB33N10L Datasheet
660Kb / 9P
   100V LOGIC N-Channel MOSFET
FQPF19N10L FAIRCHILD-FQPF19N10L Datasheet
614Kb / 8P
   100V LOGIC N-Channel MOSFET
FQU13N10L FAIRCHILD-FQU13N10L_09 Datasheet
635Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD13N10L KERSEMI-KSMD13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSM13N10L KERSEMI-KSM13N10L Datasheet
1Mb / 6P
   100V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQB19N10L FAIRCHILD-FQB19N10L Datasheet
609Kb / 9P
   100V LOGIC N-Channel MOSFET
FQT7N10L FAIRCHILD-FQT7N10L Datasheet
642Kb / 8P
   100V LOGIC N-Channel MOSFET
FQB7N10L FAIRCHILD-FQB7N10L Datasheet
556Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU13N10L KERSEMI-KSMU13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSMD7N10L KERSEMI-KSMD7N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com