Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA46N15 Datasheet (PDF) - Fairchild Semiconductor

FQA46N15 Datasheet PDF - Fairchild Semiconductor
Part # FQA46N15
Download  FQA46N15 Download

File Size   759.18 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 150V N-Channel MOSFET

FQA46N15 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQA46N15 Datasheet PDF - Fairchild Semiconductor

Part # FQA46N15
Download  FQA46N15 Click to download

File Size   759.18 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 150V N-Channel MOSFET

FQA46N15 Datasheet (HTML) - Fairchild Semiconductor

FQA46N15 Datasheet HTML 1Page - Fairchild Semiconductor FQA46N15 Datasheet HTML 2Page - Fairchild Semiconductor FQA46N15 Datasheet HTML 3Page - Fairchild Semiconductor FQA46N15 Datasheet HTML 4Page - Fairchild Semiconductor FQA46N15 Datasheet HTML 5Page - Fairchild Semiconductor FQA46N15 Datasheet HTML 6Page - Fairchild Semiconductor FQA46N15 Datasheet HTML 7Page - Fairchild Semiconductor FQA46N15 Datasheet HTML 8Page - Fairchild Semiconductor

FQA46N15 Product details

Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switched mode power supplies, active power factor correction, electronic lamp ballast based on half bridge topology.

Features
• 50A, 150V, RDS(on) = 0.042Ω @VGS = 10 V
• Low gate charge ( typical 85 nC)
• Low Crss ( typical 100pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175°C maximum junction temperature rating




Similar Part No. - FQA46N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA46N15 FAIRCHILD-FQA46N15 Datasheet
781Kb / 9P
   150V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA46N15 ISC-FQA46N15 Datasheet
361Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA46N15 FAIRCHILD-FQA46N15_07 Datasheet
781Kb / 9P
   150V N-Channel MOSFET
FQA46N15_F109 FAIRCHILD-FQA46N15_F109 Datasheet
781Kb / 9P
   150V N-Channel MOSFET
More results


Similar Description - FQA46N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com