Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1446IS8 Datasheet (PDF) - Linear Dimensions Semiconductor

LTC1446IS8 Datasheet PDF - Linear Dimensions Semiconductor
Part # LTC1446IS8
Download  LTC1446IS8 Download

File Size   178.33 Kbytes
Page   12 Pages
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
Description Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8

LTC1446IS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1446IS8 Datasheet PDF - Linear Dimensions Semiconductor

Part # LTC1446IS8
Download  LTC1446IS8 Click to download

File Size   178.33 Kbytes
Page   12 Pages
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
Description Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8

LTC1446IS8 Datasheet (HTML) - Linear Dimensions Semiconductor

Back Button LTC1446IS8 Datasheet HTML 1Page - Linear Dimensions Semiconductor LTC1446IS8 Datasheet HTML 2Page - Linear Dimensions Semiconductor LTC1446IS8 Datasheet HTML 3Page - Linear Dimensions Semiconductor LTC1446IS8 Datasheet HTML 4Page - Linear Dimensions Semiconductor LTC1446IS8 Datasheet HTML 5Page - Linear Dimensions Semiconductor LTC1446IS8 Datasheet HTML 6Page - Linear Dimensions Semiconductor LTC1446IS8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LTC1446IS8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LTC1446IS8 Datasheet HTML 9Page - Linear Dimensions Semiconductor LTC1446IS8 Datasheet HTML 10Page - Linear Dimensions Semiconductor Next Button 

LTC1446IS8 Product details

DESCRIPTION
The LTC®1446/LTC1446L are dual 12-bit digital-to-analog converters (DACs) available in an SO-8 package. They are complete with a rail-to-rail voltage output amplifier, an internal reference and an easy-to-use 3-wire cascadable serial interface.
The LTC1446 has an internal reference and a full-scale output of 4.095V. It operates from a single 4.5V to 5.5V supply.
The LTC1446L has an internal reference and a full-scale output of 2.5V. It operates from a single 2.7V to 5.5V supply.

FEATURES
■ Dual DACs with 12-Bit Resolution
■ SO-8 Package
■ Rail-to-Rail Output Amplifiers
■ Internal Reference
■ Maximum DNL Error: 0.5LSB
■ 3V Operation (LTC1446L): ICC = 650µA Typ
■ 5V Operation (LTC1446): ICC = 1000µA Typ
■ Settling Time: 14µs to ±0.5LSB
■ Power-On Reset Clears DACs to 0V
■ 3-Wire Cascadable Serial Interface with 500kHz Update Rate
■ Schmitt Trigger On Input Allows Direct Optocoupler Interface
■ Low Cost

APPLICATIONS
■ Digital Calibration
■ Industrial Process Control
■ Automatic Test Equipment
■ Cellular Telephones




Similar Part No. - LTC1446IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1446IS8 LINER-LTC1446IS8 Datasheet
130Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446IS8 LINER-LTC1446IS8 Datasheet
172Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Similar Description - LTC1446IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1446 LINER-LTC1446 Datasheet
130Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446L LINER-LTC1446L_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_1 Datasheet
172Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com