Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQAF12N60 Datasheet (PDF) - Fairchild Semiconductor

FQAF12N60 Datasheet PDF - Fairchild Semiconductor
Part # FQAF12N60
Download  FQAF12N60 Download

File Size   539.05 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V N-Channel MOSFET

FQAF12N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQAF12N60 Datasheet PDF - Fairchild Semiconductor

Part # FQAF12N60
Download  FQAF12N60 Click to download

File Size   539.05 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 600V N-Channel MOSFET

FQAF12N60 Datasheet (HTML) - Fairchild Semiconductor

FQAF12N60 Datasheet HTML 1Page - Fairchild Semiconductor FQAF12N60 Datasheet HTML 2Page - Fairchild Semiconductor FQAF12N60 Datasheet HTML 3Page - Fairchild Semiconductor FQAF12N60 Datasheet HTML 4Page - Fairchild Semiconductor FQAF12N60 Datasheet HTML 5Page - Fairchild Semiconductor FQAF12N60 Datasheet HTML 6Page - Fairchild Semiconductor FQAF12N60 Datasheet HTML 7Page - Fairchild Semiconductor FQAF12N60 Datasheet HTML 8Page - Fairchild Semiconductor

FQAF12N60 Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power supply.

Features
• 7.8A, 600V, RDS(on) = 0.7 Ω @ VGS = 10 V
• Low gate charge ( typical 42 nC)
• Low Crss ( typical 25 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capabilit




Similar Part No. - FQAF12N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQAF12N60 ISC-FQAF12N60 Datasheet
421Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FQAF12N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com