Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQAF70N15 Datasheet (PDF) - Fairchild Semiconductor

FQAF70N15 Datasheet PDF - Fairchild Semiconductor
Part # FQAF70N15
Download  FQAF70N15 Download

File Size   740.67 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power MOSFET

FQAF70N15 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQAF70N15 Datasheet PDF - Fairchild Semiconductor

Part # FQAF70N15
Download  FQAF70N15 Click to download

File Size   740.67 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power MOSFET

FQAF70N15 Datasheet (HTML) - Fairchild Semiconductor

FQAF70N15 Datasheet HTML 1Page - Fairchild Semiconductor FQAF70N15 Datasheet HTML 2Page - Fairchild Semiconductor FQAF70N15 Datasheet HTML 3Page - Fairchild Semiconductor FQAF70N15 Datasheet HTML 4Page - Fairchild Semiconductor FQAF70N15 Datasheet HTML 5Page - Fairchild Semiconductor FQAF70N15 Datasheet HTML 6Page - Fairchild Semiconductor FQAF70N15 Datasheet HTML 7Page - Fairchild Semiconductor FQAF70N15 Datasheet HTML 8Page - Fairchild Semiconductor

FQAF70N15 Product details

Features
• 44A, 150V, RDS(on) = 0.028Ω @VGS = 10 V
• Low gate charge ( typical 135 nC)
• Low Crss ( typical 135 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175°C maximum junction temperature rating




Similar Part No. - FQAF70N15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQAF70N15 ISC-FQAF70N15 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FQAF70N15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com