Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4049 Datasheet (PDF) - Rochester Electronics

CD4049 Datasheet PDF - Rochester Electronics
Part # CD4049
Download  CD4049 Download

File Size   506.3 Kbytes
Page   7 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer

CD4049 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4049 Datasheet PDF - Rochester Electronics

Part # CD4049
Download  CD4049 Click to download

File Size   506.3 Kbytes
Page   7 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer

CD4049 Datasheet (HTML) - Rochester Electronics

CD4049 Datasheet HTML 1Page - Rochester Electronics CD4049 Datasheet HTML 2Page - Rochester Electronics CD4049 Datasheet HTML 3Page - Rochester Electronics CD4049 Datasheet HTML 4Page - Rochester Electronics CD4049 Datasheet HTML 5Page - Rochester Electronics CD4049 Datasheet HTML 6Page - Rochester Electronics CD4049 Datasheet HTML 7Page - Rochester Electronics

CD4049 Product details

General Description

These hex buffers are monolithic complementary MOS (CMOS) integrated circuits constructed with N- and P-chan nel enhancement mode transistors. These devices feature logic level conversion using only one supply voltage (VDD). The input signal high level (VIH) can exceed the VDD supply voltage when these devices are used for logic level conver sions. These devices are intended for use as hex buffers, CMOS to DTL/TTL converters, or as CMOS current drivers, and at VDD e 5.0V, they can drive directly two DTL/TTL loads over the full operating temperature range.



Features

  Wide supply voltage range 3.0V to 15V

  Direct drive to 2 TTL loads at 5.0V over full temperature range

  High source and sink current capability

  Special input protection permits input voltages greater than VDD



Applications

  CMOS hex inverter/buffer

  CMOS to DTL/TTL hex converter

  CMOS current ‘‘sink’’ or ‘‘source’’ driver

  CMOS high-to-low logic level converter



 



Similar Part No. - CD4049

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049 NSC-CD4049 Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Texas Instruments
CD4049 TI-CD4049 Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
Fairchild Semiconductor
CD4049 FAIRCHILD-CD4049 Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
Silicon Supplies
CD4049B SS-CD4049B Datasheet
608Kb / 5P
   CMOS High Voltage Logic
logo
National Semiconductor ...
CD4049BCJ NSC-CD4049BCJ Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
More results





Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com