Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5206BRU10 Datasheet (PDF) - Analog Devices

AD5206BRU10 Datasheet PDF - Analog Devices
Part # AD5206BRU10
Download  AD5206BRU10 Download

File Size   371.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-/6-Channel Digital Potentiometers

AD5206BRU10 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5206BRU10 Datasheet PDF - Analog Devices

Part # AD5206BRU10
Download  AD5206BRU10 Click to download

File Size   371.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-/6-Channel Digital Potentiometers

AD5206BRU10 Datasheet (HTML) - Analog Devices

Back Button AD5206BRU10 Datasheet HTML 1Page - Analog Devices AD5206BRU10 Datasheet HTML 2Page - Analog Devices AD5206BRU10 Datasheet HTML 3Page - Analog Devices AD5206BRU10 Datasheet HTML 4Page - Analog Devices AD5206BRU10 Datasheet HTML 5Page - Analog Devices AD5206BRU10 Datasheet HTML 6Page - Analog Devices AD5206BRU10 Datasheet HTML 7Page - Analog Devices AD5206BRU10 Datasheet HTML 8Page - Analog Devices AD5206BRU10 Datasheet HTML 9Page - Analog Devices AD5206BRU10 Datasheet HTML 10Page - Analog Devices Next Button 

AD5206BRU10 Product details

GENERAL DESCRIPTION

The AD5204/AD5206 provide 4-/6-channel, 256-position digitally controlled variable resistor (VR) devices. These devices perform the same electronic adjustment function as a potentiometer or variable resistor. Each channel of the AD5204/AD5206 contains a fixed resistor with a wiper contact that taps the fixed resistor value at a point determined by a digital code loaded into the SPI-compatible serial-input register. The resistance between the wiper and either endpoint of the fixed resistor varies linearly with respect to the digital code transferred into the VR latch. The variable resistor offers a completely programmable value of resistance between the A terminal and the wiper or the B terminal and the wiper. The fixed A-to-B terminal resistance of 10 kΩ, 50 kΩ, or 100 kΩ has a nominal temperature coefficient of 700 ppm/°C.



FEATURES

256 positions

Multiple independently programmable channels

  AD5204—4-channel

  AD5206—6-channel

Potentiometer replacement

Terminal resistance of 10 kΩ, 50 kΩ, 100 kΩ

3-wire SPI-compatible serial data input

+2.7 V to +5.5 V single-supply operation; ±2.7 V dual-supply operation

Power-on midscale preset



APPLICATIONS

Mechanical potentiometer replacement

Instrumentation: gain, offset adjustment

Programmable voltage-to-current conversion

Programmable filters, delays, time constants

Line impedance matching




Similar Part No. - AD5206BRU10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5206BRU10 AD-AD5206BRU10 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5206BRU100 AD-AD5206BRU100 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Similar Description - AD5206BRU10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com