Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T7V5AY Datasheet (PDF) - STMicroelectronics

SM6T7V5AY Datasheet PDF - STMicroelectronics
Part # SM6T7V5AY
Download  SM6T7V5AY Download

File Size   217.59 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 W Transil?

SM6T7V5AY Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6T7V5AY Datasheet PDF - STMicroelectronics

Part # SM6T7V5AY
Download  SM6T7V5AY Click to download

File Size   217.59 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 W Transil?

SM6T7V5AY Datasheet (HTML) - STMicroelectronics

Back Button SM6T7V5AY Datasheet HTML 1Page - STMicroelectronics SM6T7V5AY Datasheet HTML 2Page - STMicroelectronics SM6T7V5AY Datasheet HTML 3Page - STMicroelectronics SM6T7V5AY Datasheet HTML 4Page - STMicroelectronics SM6T7V5AY Datasheet HTML 5Page - STMicroelectronics SM6T7V5AY Datasheet HTML 6Page - STMicroelectronics SM6T7V5AY Datasheet HTML 7Page - STMicroelectronics SM6T7V5AY Datasheet HTML 8Page - STMicroelectronics SM6T7V5AY Datasheet HTML 9Page - STMicroelectronics SM6T7V5AY Datasheet HTML 10Page - STMicroelectronics Next Button 

SM6T7V5AY Product details

Description
The SM6TY Transil series has been designed to protect sensitive automotive circuits against surges defined in ISO 7637-2 and against electrostatic discharges according to IEC 61000-4-2 and ISO 10605. The planar technology makes this device compatible with high-end circuits where low leakage current and high junction temperature are required to provide reliability and stability over time. SM6TY are packaged in SMB (SMB footprint in accordance with IPC 7531 standard).

Features
■ peak pulse power:
   – 600 W (10/1000 µs)
   – 4 kW (8/20 µs)
■ stand-off voltage range: from 6.4 V to 58 V
■ unidirectional and bidirectional types
■ low leakage current:
   – 0.2 µA at 25 °C
   – 1 µA at 85 °C
■ operating Tj max: 150 °C
■ high power capability at Tj max:
   – 515 W (10/1000 µs)
■ JEDEC registered package outline
■ resin meets UL 94, V0
■ ECOPACK®2 compliant components
■ AEC-Q101 qualified

Complies with the following standards
■ IEC 61000-4-2 level 4:
   – 15 kV (air discharge)
   – 8 kV (contact discharge)
■ ISO 10605, C = 330 pF, R = 330 Ω:
   – 15 kV (air discharge)
   – 8 kV (contact discharge)
■ ISO 7637-2 (for pulse 1 and 2a, applicable only to parts with stand-off voltage (VRM) lower than the average battery voltage: 13.5 V):
   – Pulse 1: VS = -100 V
   – Pulse 2a: VS = +50 V
   – Pulse 3a: VS = -150 V
   – Pulse 3b: VS = +100 V




Similar Part No. - SM6T7V5AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T7V5AY STMICROELECTRONICS-SM6T7V5AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T7V5AY STMICROELECTRONICS-SM6T7V5AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T7V5AY STMICROELECTRONICS-SM6T7V5AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T7V5AY STMICROELECTRONICS-SM6T7V5AY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T7V5AYCAY STMICROELECTRONICS-SM6T7V5AYCAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
More results


Similar Description - SM6T7V5AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T30CAY STMICROELECTRONICS-SM6T30CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com