Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQB6N40 Datasheet (PDF) - Fairchild Semiconductor

FQB6N40 Datasheet PDF - Fairchild Semiconductor
Part # FQB6N40
Download  FQB6N40 Download

File Size   761.04 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 400V N-Channel MOSFET

FQB6N40 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQB6N40 Datasheet PDF - Fairchild Semiconductor

Part # FQB6N40
Download  FQB6N40 Click to download

File Size   761.04 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 400V N-Channel MOSFET

FQB6N40 Datasheet (HTML) - Fairchild Semiconductor

FQB6N40 Datasheet HTML 1Page - Fairchild Semiconductor FQB6N40 Datasheet HTML 2Page - Fairchild Semiconductor FQB6N40 Datasheet HTML 3Page - Fairchild Semiconductor FQB6N40 Datasheet HTML 4Page - Fairchild Semiconductor FQB6N40 Datasheet HTML 5Page - Fairchild Semiconductor FQB6N40 Datasheet HTML 6Page - Fairchild Semiconductor FQB6N40 Datasheet HTML 7Page - Fairchild Semiconductor FQB6N40 Datasheet HTML 8Page - Fairchild Semiconductor FQB6N40 Datasheet HTML 9Page - Fairchild Semiconductor

FQB6N40 Product details

Features
• 5.5A, 400V, RDS(on) = 1.15Ω @ VGS = 10 V
• Low gate charge ( typically 13 nC)
• Low Crss ( typically 9.5 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQB6N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQB6N40C ISC-FQB6N40C Datasheet
287Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
logo
Fairchild Semiconductor
FQB6N40CF FAIRCHILD-FQB6N40CF Datasheet
1,016Kb / 8P
   400V N-Channel MOSFET
FQB6N40CFTM FAIRCHILD-FQB6N40CFTM Datasheet
1,016Kb / 8P
   400V N-Channel MOSFET
More results


Similar Description - FQB6N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com