Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQB70N08 Datasheet (PDF) - Fairchild Semiconductor

FQB70N08 Datasheet PDF - Fairchild Semiconductor
Part # FQB70N08
Download  FQB70N08 Download

File Size   672.71 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 80V N-Channel MOSFET

FQB70N08 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQB70N08 Datasheet PDF - Fairchild Semiconductor

Part # FQB70N08
Download  FQB70N08 Click to download

File Size   672.71 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 80V N-Channel MOSFET

FQB70N08 Datasheet (HTML) - Fairchild Semiconductor

FQB70N08 Datasheet HTML 1Page - Fairchild Semiconductor FQB70N08 Datasheet HTML 2Page - Fairchild Semiconductor FQB70N08 Datasheet HTML 3Page - Fairchild Semiconductor FQB70N08 Datasheet HTML 4Page - Fairchild Semiconductor FQB70N08 Datasheet HTML 5Page - Fairchild Semiconductor FQB70N08 Datasheet HTML 6Page - Fairchild Semiconductor FQB70N08 Datasheet HTML 7Page - Fairchild Semiconductor FQB70N08 Datasheet HTML 8Page - Fairchild Semiconductor FQB70N08 Datasheet HTML 9Page - Fairchild Semiconductor

FQB70N08 Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for low voltage applications such as automotive, high efficiency switching for DC/DC converters, and DC motor control.

Features
• 70A, 80V, RDS(on) = 0.017Ω @VGS = 10 V
• Low gate charge ( typical 75 nC)
• Low Crss ( typical 180 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175°C maximum junction temperature rating




Similar Part No. - FQB70N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB70N08 FAIRCHILD-FQB70N08 Datasheet
678Kb / 9P
   FQB70N08 / FQI70N08 80V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQB70N08 ISC-FQB70N08 Datasheet
244Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQB70N08TM FAIRCHILD-FQB70N08TM Datasheet
678Kb / 9P
   FQB70N08 / FQI70N08 80V N-Channel MOSFET
More results


Similar Description - FQB70N08

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com