Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD12N20L Datasheet (PDF) - Fairchild Semiconductor

FQD12N20L Datasheet PDF - Fairchild Semiconductor
Part # FQD12N20L
Download  FQD12N20L Download

File Size   606.86 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V LOGIC N-Channel MOSFET

FQD12N20L Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD12N20L Datasheet PDF - Fairchild Semiconductor

Part # FQD12N20L
Download  FQD12N20L Click to download

File Size   606.86 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V LOGIC N-Channel MOSFET

FQD12N20L Datasheet (HTML) - Fairchild Semiconductor

FQD12N20L Datasheet HTML 1Page - Fairchild Semiconductor FQD12N20L Datasheet HTML 2Page - Fairchild Semiconductor FQD12N20L Datasheet HTML 3Page - Fairchild Semiconductor FQD12N20L Datasheet HTML 4Page - Fairchild Semiconductor FQD12N20L Datasheet HTML 5Page - Fairchild Semiconductor FQD12N20L Datasheet HTML 6Page - Fairchild Semiconductor FQD12N20L Datasheet HTML 7Page - Fairchild Semiconductor FQD12N20L Datasheet HTML 8Page - Fairchild Semiconductor FQD12N20L Datasheet HTML 9Page - Fairchild Semiconductor

FQD12N20L Product details

General Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switching DC/DC converters, switch mode power supply, motor control.



Features

• 9.0A, 200V, RDS(on) = 0.28Ω @VGS = 10 V

• Low gate charge ( typical 16 nC)

• Low Crss ( typical 17 pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability

• Low level gate drive requirement allowing direct opration from logic drivers



 




Similar Part No. - FQD12N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD12N20LTM FAIRCHILD-FQD12N20LTM Datasheet
721Kb / 9P
   200V Logic Level N-Channel MOSFET
More results


Similar Description - FQD12N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
FQB10N20L FAIRCHILD-FQB10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
FQT4N20L FAIRCHILD-FQT4N20L Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP4N20L FAIRCHILD-FQP4N20L Datasheet
506Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB12N20L FAIRCHILD-FQB12N20L Datasheet
607Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP19N20L FAIRCHILD-FQP19N20L Datasheet
734Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQA19N20L FAIRCHILD-FQA19N20L Datasheet
742Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB7N20L FAIRCHILD-FQB7N20L Datasheet
569Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP12N20L FAIRCHILD-FQP12N20L Datasheet
567Kb / 8P
   200V LOGIC N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com