Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD17N08L Datasheet (PDF) - Fairchild Semiconductor

FQD17N08L Datasheet PDF - Fairchild Semiconductor
Part # FQD17N08L
Download  FQD17N08L Download

File Size   555.57 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 80V LOGIC N-Channel MOSFET

FQD17N08L Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD17N08L Datasheet PDF - Fairchild Semiconductor

Part # FQD17N08L
Download  FQD17N08L Click to download

File Size   555.57 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 80V LOGIC N-Channel MOSFET

FQD17N08L Datasheet (HTML) - Fairchild Semiconductor

FQD17N08L Datasheet HTML 1Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 2Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 3Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 4Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 5Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 6Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 7Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 8Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 9Page - Fairchild Semiconductor

FQD17N08L Product details

General Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology is especially tailored to minimize on-state resistance, provide superior switching performance, and withstand a high energy pulse in the avalanche and commutation modes. These devices are well suited for low voltage applications such as automotive, high efficiency switching for DC/DC converters, and DC motor control.



Features

• 12.9A, 80V, RDS(on)= 0.1Ω@VGS= 10 V

• Low gate charge ( typical 8.8 nC)

• Low Crss ( typical 29 pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability

• Low level gate drive requirements allowing direct operation from logic drives




Similar Part No. - FQD17N08L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17N08L FAIRCHILD-FQD17N08L Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
FQD17N08L FAIRCHILD-FQD17N08L Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
logo
Inchange Semiconductor ...
FQD17N08L ISC-FQD17N08L Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
More results


Similar Description - FQD17N08L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB17N08L FAIRCHILD-FQB17N08L Datasheet
571Kb / 9P
   80V LOGIC N-Channel MOSFET
FQD9N08L FAIRCHILD-FQD9N08L Datasheet
543Kb / 9P
   80V LOGIC N-Channel MOSFET
FQPF17N08L FAIRCHILD-FQPF17N08L Datasheet
556Kb / 8P
   80V LOGIC N-Channel MOSFET
FQPF9N08L FAIRCHILD-FQPF9N08L Datasheet
552Kb / 8P
   80V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD17N08L KERSEMI-KSMD17N08L Datasheet
1Mb / 8P
   80V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQP17N08L FAIRCHILD-FQP17N08L Datasheet
562Kb / 8P
   80V LOGIC N-Channel MOSFET
FQP9N08L FAIRCHILD-FQP9N08L Datasheet
541Kb / 8P
   80V LOGIC N-Channel MOSFET
FQB9N08L FAIRCHILD-FQB9N08L Datasheet
612Kb / 9P
   80V LOGIC N-Channel MOSFET
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com