Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD20N06 Datasheet (PDF) - Fairchild Semiconductor

FQD20N06 Datasheet PDF - Fairchild Semiconductor
Part # FQD20N06
Download  FQD20N06 Download

File Size   660.63 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V N-Channel MOSFET

FQD20N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD20N06 Datasheet PDF - Fairchild Semiconductor

Part # FQD20N06
Download  FQD20N06 Click to download

File Size   660.63 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V N-Channel MOSFET

FQD20N06 Datasheet (HTML) - Fairchild Semiconductor

FQD20N06 Datasheet HTML 1Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 2Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 3Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 4Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 5Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 6Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 7Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 8Page - Fairchild Semiconductor FQD20N06 Datasheet HTML 9Page - Fairchild Semiconductor

FQD20N06 Product details

Description
This N-Channel enhancement mode power MOSFET is produced using Fairchild Semiconductor®’s proprietary planar stripe and DMOS technology. This advanced MOSFET technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for switched mode power supplies, audio amplifier, DC motor control, and variable switching power applications.

Features
• 16.8 A, 60 V, RDS(on) = 63 m (Max) @ VGS = 10V, ID = 8.4 A
• Low Gate Charge (Typ.11.5 nC)
• Low Crss (Typ. 25 pF)
• 100% Avalanche Tested




Similar Part No. - FQD20N06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FQD20N06 VBSEMI-FQD20N06 Datasheet
899Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQD20N06 ISC-FQD20N06 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Guangdong Youtai Semico...
FQD20N06 UMW-FQD20N06 Datasheet
903Kb / 6P
   60V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD20N06L FAIRCHILD-FQD20N06L Datasheet
664Kb / 9P
   60V LOGIC N-Channel MOSFET
FQD20N06LE FAIRCHILD-FQD20N06LE Datasheet
656Kb / 9P
   60V LOGIC N-Channel MOSFET
More results


Similar Description - FQD20N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com