Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD4P25 Datasheet (PDF) - Fairchild Semiconductor

FQD4P25 Datasheet PDF - Fairchild Semiconductor
Part # FQD4P25
Download  FQD4P25 Download

File Size   585.14 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 250V P-Channel MOSFET

FQD4P25 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD4P25 Datasheet PDF - Fairchild Semiconductor

Part # FQD4P25
Download  FQD4P25 Click to download

File Size   585.14 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 250V P-Channel MOSFET

FQD4P25 Datasheet (HTML) - Fairchild Semiconductor

FQD4P25 Datasheet HTML 1Page - Fairchild Semiconductor FQD4P25 Datasheet HTML 2Page - Fairchild Semiconductor FQD4P25 Datasheet HTML 3Page - Fairchild Semiconductor FQD4P25 Datasheet HTML 4Page - Fairchild Semiconductor FQD4P25 Datasheet HTML 5Page - Fairchild Semiconductor FQD4P25 Datasheet HTML 6Page - Fairchild Semiconductor FQD4P25 Datasheet HTML 7Page - Fairchild Semiconductor FQD4P25 Datasheet HTML 8Page - Fairchild Semiconductor FQD4P25 Datasheet HTML 9Page - Fairchild Semiconductor

FQD4P25 Product details

General Description
These P-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology is especially tailored to minimize on-state resistance, provide superior switching performance, and withstand a high energy pulse in the avalanche and commutation modes. These devices are well suited for high efficiency switching DC/DC converters.

Features
• -3.1A, -250V, RDS(on) = 2.1Ω @VGS = -10 V
• Low gate charge ( typical 10 nC)
• Low Crss ( typical 10.3 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQD4P25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD4P25TM FAIRCHILD-FQD4P25TM Datasheet
831Kb / 9P
   250V P-Channel MOSFET
More results


Similar Description - FQD4P25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com