Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP13N10 Datasheet (PDF) - Fairchild Semiconductor

FQP13N10 Datasheet PDF - Fairchild Semiconductor
Part # FQP13N10
Download  FQP13N10 Download

File Size   618.34 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V N-Channel MOSFET

FQP13N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP13N10 Datasheet PDF - Fairchild Semiconductor

Part # FQP13N10
Download  FQP13N10 Click to download

File Size   618.34 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V N-Channel MOSFET

FQP13N10 Datasheet (HTML) - Fairchild Semiconductor

FQP13N10 Datasheet HTML 1Page - Fairchild Semiconductor FQP13N10 Datasheet HTML 2Page - Fairchild Semiconductor FQP13N10 Datasheet HTML 3Page - Fairchild Semiconductor FQP13N10 Datasheet HTML 4Page - Fairchild Semiconductor FQP13N10 Datasheet HTML 5Page - Fairchild Semiconductor FQP13N10 Datasheet HTML 6Page - Fairchild Semiconductor FQP13N10 Datasheet HTML 7Page - Fairchild Semiconductor FQP13N10 Datasheet HTML 8Page - Fairchild Semiconductor

FQP13N10 Product details

Description
This N-Channel enhancement mode power MOSFET is produced using Fairchild Semiconductor’s proprietary planar stripe and DMOS technology. This advanced MOSFET technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for switched mode power supplies, audio amplifier, DC motor control, and variable switching power applications.

Features
• 12.8 A, 100 V, Rds(on)= 180 mΩ(Max.) @ Vgs= 10 V, Id= 6.4 A
• Low Gate Charge (Typ. 12 nC)
• Low Crss (Typ. 20 pF)
• 100% Avalanche Tested
• 175°C Maximum Junction Temperature Rating




Similar Part No. - FQP13N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQP13N10 ISC-FQP13N10 Datasheet
284Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQP13N10L FAIRCHILD-FQP13N10L Datasheet
554Kb / 8P
   100V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP13N10L ISC-FQP13N10L Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FQP13N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com