Manufacturer | Part # | Datasheet | Description |
Integrated Device Techn... |
ICS180-51
|
146Kb / 7P |
Packaged in 8-pin SOIC
|
ICS181-52
|
147Kb / 7P |
Packaged in 8-pin SOIC
|
ICS180-01
|
154Kb / 9P |
Packaged in 8-pin SOIC
|
ICS571
|
185Kb / 7P |
Packaged in 8-pin SOIC
|
Analog Devices |
AD7893ARZ-2
|
272Kb / 12P |
LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E |
Maxim Integrated Produc... |
MAX5383
|
335Kb / 15P |
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09 |
MAX5384EUT
|
501Kb / 15P |
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09 |
MAX5383
|
342Kb / 12P |
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02 |
Analog Devices |
AD7895
|
317Kb / 12P |
5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0 |
AD7893ARZ-5
|
343Kb / 12P |
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E |