Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V2305PGGI Datasheet (PDF) - Integrated Device Technology

IDT5V2305PGGI Datasheet PDF - Integrated Device Technology
Part # IDT5V2305PGGI
Download  IDT5V2305PGGI Download

File Size   74.9 Kbytes
Page   10 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CLOCK BUFFER PERFORMANCE CLOCK BUFFER

IDT5V2305PGGI Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT5V2305PGGI Datasheet PDF - Integrated Device Technology

Part # IDT5V2305PGGI
Download  IDT5V2305PGGI Click to download

File Size   74.9 Kbytes
Page   10 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CLOCK BUFFER PERFORMANCE CLOCK BUFFER

IDT5V2305PGGI Datasheet (HTML) - Integrated Device Technology

IDT5V2305PGGI Datasheet HTML 1Page - Integrated Device Technology IDT5V2305PGGI Datasheet HTML 2Page - Integrated Device Technology IDT5V2305PGGI Datasheet HTML 3Page - Integrated Device Technology IDT5V2305PGGI Datasheet HTML 4Page - Integrated Device Technology IDT5V2305PGGI Datasheet HTML 5Page - Integrated Device Technology IDT5V2305PGGI Datasheet HTML 6Page - Integrated Device Technology IDT5V2305PGGI Datasheet HTML 7Page - Integrated Device Technology IDT5V2305PGGI Datasheet HTML 8Page - Integrated Device Technology IDT5V2305PGGI Datasheet HTML 9Page - Integrated Device Technology IDT5V2305PGGI Datasheet HTML 10Page - Integrated Device Technology

IDT5V2305PGGI Product details

DESCRIPTION:
The IDT5V2305 is a high performance, low skew clock buffer that operates up to 200MHz. One bank of five outputs provides low skew copies of CLK. Through the use of control pin G, the outputs of bank Y(0:4) can be placed in a low state regardless of CLK input. The device operates in 2.5V and 3.3V environments. The built-in output enable glitch suppression ensures a synchronized output enable sequence to distribute full period clock signals.
The IDT5V2305 is characterized for operation from -40°C to +85°C.

FEATURES:
• High performance 1:5 clock driver for general purpose applications
• Operates up to 170MHz at VDD = 2.5V
• Operates up to 200MHz at VDD = 3.3V
• Pin-to-pin skew < 75ps at 3.3V operation
• VDD range: 2.3V to 3.6V
• Output enable glitch suppression
• Available in TSSOP and VFQFPN packages



Similar Part No. - IDT5V2305PGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2305PGI IDT-IDT5V2305PGI Datasheet
53Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
More results


Similar Description - IDT5V2305PGGI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
[Old version datasheet]   High-Performance Clock Buffer
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
   High-performance fanout buffer clock and fanout buffer
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
logo
Integrated Device Techn...
IDT2305NZT IDT-IDT2305NZT_12 Datasheet
134Kb / 6P
   2.5V CLOCK BUFFER
85352 IDT-85352 Datasheet
358Kb / 20P
   LVPECL Clock Buffer
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23_01 Datasheet
193Kb / 11P
   Clock Buffer/Driver
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
   Clock Buffer/Driver
logo
Integrated Device Techn...
IDT2305NZT IDT-IDT2305NZT Datasheet
46Kb / 5P
   2.5V CLOCK BUFFER
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
   BUFFER/CLOCK DRIVER
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com