Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP47P06 Datasheet (PDF) - Fairchild Semiconductor

FQP47P06 Datasheet PDF - Fairchild Semiconductor
Part # FQP47P06
Download  FQP47P06 Download

File Size   714.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V P-Channel MOSFET

FQP47P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP47P06 Datasheet PDF - Fairchild Semiconductor

Part # FQP47P06
Download  FQP47P06 Click to download

File Size   714.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V P-Channel MOSFET

FQP47P06 Datasheet (HTML) - Fairchild Semiconductor

FQP47P06 Datasheet HTML 1Page - Fairchild Semiconductor FQP47P06 Datasheet HTML 2Page - Fairchild Semiconductor FQP47P06 Datasheet HTML 3Page - Fairchild Semiconductor FQP47P06 Datasheet HTML 4Page - Fairchild Semiconductor FQP47P06 Datasheet HTML 5Page - Fairchild Semiconductor FQP47P06 Datasheet HTML 6Page - Fairchild Semiconductor FQP47P06 Datasheet HTML 7Page - Fairchild Semiconductor FQP47P06 Datasheet HTML 8Page - Fairchild Semiconductor

FQP47P06 Product details

General Description
These P-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand a high energy pulse in the avalanche and commutation modes. These devices are well suited for low voltage applications such as automotive, DC/DC converters, and high efficiency switching for power management in portable and battery operated products.

Features
• -47A, -60V, RDS(on) = 0.026Ω @VGS = -10 V
• Low gate charge ( typical 84 nC)
• Low Crss ( typical 320 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175°C maximum junction temperature rating




Similar Part No. - FQP47P06

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FQP47P06 UMW-FQP47P06 Datasheet
521Kb / 8P
   -60V P-Channel MOSFET
More results


Similar Description - FQP47P06

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com