Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04-5V8 Datasheet (PDF) - STMicroelectronics

BZW04-5V8 Datasheet PDF - STMicroelectronics
Part # BZW04-5V8
Download  BZW04-5V8 Download

File Size   124.48 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PEAK PULSE POWER : 400 W (10/1000ms)

BZW04-5V8 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZW04-5V8 Datasheet PDF - STMicroelectronics

Part # BZW04-5V8
Download  BZW04-5V8 Click to download

File Size   124.48 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PEAK PULSE POWER : 400 W (10/1000ms)

BZW04-5V8 Datasheet (HTML) - STMicroelectronics

BZW04-5V8 Datasheet HTML 1Page - STMicroelectronics BZW04-5V8 Datasheet HTML 2Page - STMicroelectronics BZW04-5V8 Datasheet HTML 3Page - STMicroelectronics BZW04-5V8 Datasheet HTML 4Page - STMicroelectronics BZW04-5V8 Datasheet HTML 5Page - STMicroelectronics BZW04-5V8 Datasheet HTML 6Page - STMicroelectronics

BZW04-5V8 Product details

DESCRIPTION
Transil diodes provide high overvoltage protection by clamping action. Their instantaneous response to transient overvoltages makes them particularly suited to protect voltage sensitive devices such as MOS Technology and low voltage supplied IC’s.

FEATURES
■ PEAK PULSE POWER : 400 W (10/1000µs)
■ STAND-OFF VOLTAGE RANGE : From 5.8V to 376 V
■ UNI AND BIDIRECTIONAL TYPES
■ LOW CLAMPING FACTOR
■ FAST RESPONSE TIME
■ UL RECOGNIZED




Similar Part No. - BZW04-5V8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-5V8 STMICROELECTRONICS-BZW04-5V8 Datasheet
130Kb / 6P
   TRANSIL
logo
MDE Semiconductor, Inc.
BZW04-5V8 MDE-BZW04-5V8 Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
BZW04-5V8 SUNMATE-BZW04-5V8 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
EIC discrete Semiconduc...
BZW04-5V8 EIC-BZW04-5V8 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
BZW04-5V8 TSC-BZW04-5V8 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
More results


Similar Description - BZW04-5V8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
E-CMOS Corporation
SMAJ E-CMOS-SMAJ Datasheet
818Kb / 5P
   Working Voltage: 3.3 to 440 V Peak Pulse Power: 400 W
logo
Bel Fuse Inc.
MBS400 BEL-MBS400 Datasheet
851Kb / 9P
   400 W rated power (440 W peak up to 10 s)
logo
Guangdong Youtai Semico...
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
   400 peak pulse power (tp =8/20μs)
logo
Jinan Jing Heng Electro...
P4KE6.8A JINGHENG-P4KE6.8A Datasheet
186Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 400 Watts
logo
Microdiode Electronics ...
P4SMAFJ8.5A CHENDA-P4SMAFJ8.5A Datasheet
1Mb / 3P
   8.5-170 Volts Peak pulse power: 400 Watts
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
   400 W Continuous, 600 W Peak
logo
Guangdong Youtai Semico...
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
   300 W peak pulse power (tp = 8/20μs)
PESD2CAN UMW-PESD2CAN Datasheet
310Kb / 4P
   250 W peak pulse power (tp =8/20μs)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com