Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T630-600W Datasheet (PDF) - STMicroelectronics

T630-600W Datasheet PDF - STMicroelectronics
Part # T630-600W
Download  T630-600W Download

File Size   83.8 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6 A Snubberless??Triac

T630-600W Datasheet (PDF)

Go To PDF Page Download Datasheet
T630-600W Datasheet PDF - STMicroelectronics

Part # T630-600W
Download  T630-600W Click to download

File Size   83.8 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6 A Snubberless??Triac

T630-600W Datasheet (HTML) - STMicroelectronics

T630-600W Datasheet HTML 1Page - STMicroelectronics T630-600W Datasheet HTML 2Page - STMicroelectronics T630-600W Datasheet HTML 3Page - STMicroelectronics T630-600W Datasheet HTML 4Page - STMicroelectronics T630-600W Datasheet HTML 5Page - STMicroelectronics T630-600W Datasheet HTML 6Page - STMicroelectronics T630-600W Datasheet HTML 7Page - STMicroelectronics T630-600W Datasheet HTML 8Page - STMicroelectronics

T630-600W Product details

DESCRIPTION

The T620-600W and T630-600W triacs use high performance glass passivated chip technology, housed in a fully molded plastic ISOWATT220AB package.

The SNUBBERLESS™ concept offers suppres sion of R-C network, and is suitable for applica tions such as phase control and static switch on inductive and resistive loads.



FEATURES

■ ITRMS = 6A

■ VDRM = VRRM = 600V

■ EXCELLENT SWITCHING PERFORMANCES

■ INSULATING VOLTAGE = 1500V(RMS)

■ U.L. RECOGNIZED : E81734




Similar Part No. - T630-600W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T630-600W STMICROELECTRONICS-T630-600W Datasheet
63Kb / 5P
   6A SNUBBERLESTM TRIAC
T630-600W STMICROELECTRONICS-T630-600W Datasheet
85Kb / 8P
   6 A Snubberless??Triac
T630-600W STMICROELECTRONICS-T630-600W Datasheet
72Kb / 5P
   SNUBBERLESS TRIAC
September 2001 - Ed: 1A
More results


Similar Description - T630-600W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
   6 A Snubberless??Triac
June 2010 Rev 2
T635T-8FP STMICROELECTRONICS-T635T-8FP Datasheet
276Kb / 9P
   6 A Snubberless??Triac
January 2015 Rev 2
T630W STMICROELECTRONICS-T630W_10 Datasheet
85Kb / 8P
   6 A Snubberless??Triac
T635T-8T STMICROELECTRONICS-T635T-8T Datasheet
272Kb / 9P
   6 A Snubberless??Triac
July 2014 Rev 3
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
   8 A Snubberless Triac
T1635T-8I STMICROELECTRONICS-T1635T-8I Datasheet
186Kb / 10P
   Snubberless 16 A Triac
T835T-8FP STMICROELECTRONICS-T835T-8FP Datasheet
274Kb / 9P
   8 A Snubberless??Triac
January 2015 Rev 2
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
   12 A Snubberless™ Triac
December 2017
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
   40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com