Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-JW1-IY Datasheet (PDF) - Vicor Corporation

VI-JW1-IY Datasheet PDF - Vicor Corporation
Part # VI-JW1-IY
Download  VI-JW1-IY Download

File Size   189.27 Kbytes
Page   5 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Half Brick DC-DC Converters 25 to 100 Watts

VI-JW1-IY Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-JW1-IY Datasheet PDF - Vicor Corporation

Part # VI-JW1-IY
Download  VI-JW1-IY Click to download

File Size   189.27 Kbytes
Page   5 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Half Brick DC-DC Converters 25 to 100 Watts

VI-JW1-IY Datasheet (HTML) - Vicor Corporation

VI-JW1-IY Datasheet HTML 1Page - Vicor Corporation VI-JW1-IY Datasheet HTML 2Page - Vicor Corporation VI-JW1-IY Datasheet HTML 3Page - Vicor Corporation VI-JW1-IY Datasheet HTML 4Page - Vicor Corporation VI-JW1-IY Datasheet HTML 5Page - Vicor Corporation

VI-JW1-IY Product details

Product Highlights
The VI-J00 MiniMod family established a new standard in component-level DC-DC converters. This “junior” size complement to the higher power VI-200 family offers up to 100 W of isolated and regulated power in a board mounted package. With thousands of input/output/power combinations, and with a maximum operating temperature rating of 100˚C, the MiniMod provides nearly unlimited flexibiliy for power system designers to meet demanding time to market requirements.

Features
• RoHS compliant (VE versions)
• Up to 50 Watts per cubic inch
• cULus, cTÜVus
• CE Marked
• Up to 90% efficiency
• Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7)
• Remote sense and current limit
• Logic disable
• Wide range output adjust
• ZCS power architecture
• Low noise FM control
• Isolated output




Similar Part No. - VI-JW1-IY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-JW1CM VICOR-VI-JW1CM Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-JW1CX VICOR-VI-JW1CX Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-JW1CY VICOR-VI-JW1CY Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-JW1CZ VICOR-VI-JW1CZ Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-JW1EM VICOR-VI-JW1EM Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
More results


Similar Description - VI-JW1-IY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J00 VICOR-VI-J00_1 Datasheet
190Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com