Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6655-3.3ST25RG Datasheet (PDF) - Gamma Microelectronics Inc.

GM6655-3.3ST25RG Datasheet PDF - Gamma Microelectronics Inc.
Part # GM6655-3.3ST25RG
Download  GM6655-3.3ST25RG Download

File Size   118.1 Kbytes
Page   7 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION

GM6655-3.3ST25RG Datasheet (PDF)

Go To PDF Page Download Datasheet
GM6655-3.3ST25RG Datasheet PDF - Gamma Microelectronics Inc.

Part # GM6655-3.3ST25RG
Download  GM6655-3.3ST25RG Click to download

File Size   118.1 Kbytes
Page   7 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION

GM6655-3.3ST25RG Datasheet (HTML) - Gamma Microelectronics Inc.

GM6655-3.3ST25RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6655-3.3ST25RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6655-3.3ST25RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6655-3.3ST25RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6655-3.3ST25RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6655-3.3ST25RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6655-3.3ST25RG Datasheet HTML 7Page - Gamma Microelectronics Inc.

GM6655-3.3ST25RG Product details

Description
The GM6655 series is a low-dropout linear regulator. This series is specially designed for battery-operated systems. The ground current is very low (50µA Typ), that significantly extending battery life. Low power consumption and high accuracy is achieved through CMOS and programmable fuse technologies with the output voltage range from 1.5V to 6.0V.

Features
◆ Maximum output current up 600mA
◆ Highly accurate output voltage: ±1.5%
◆ Low power consumption
◆ On-chip protections: Thermal, and Short Circuit
◆ Small input/output differential: 600mV at 600mA

Application
    Battery Operated Systems
    Portable Computers
    Portable Caremas and Video Recorders
    Reference Voltage Sources
    Instruments
    Pagers




Similar Part No. - GM6655-3.3ST25RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66500 GAMMA-GM66500 Datasheet
214Kb / 11P
   5A ULTRA LOW - DROPOUT REGULATOR
GM66500-1.8TA3R GAMMA-GM66500-1.8TA3R Datasheet
214Kb / 11P
   5A ULTRA LOW - DROPOUT REGULATOR
GM66500-1.8TA3T GAMMA-GM66500-1.8TA3T Datasheet
214Kb / 11P
   5A ULTRA LOW - DROPOUT REGULATOR
GM66500-1.8TB3T GAMMA-GM66500-1.8TB3T Datasheet
214Kb / 11P
   5A ULTRA LOW - DROPOUT REGULATOR
GM66500-2.5TA3R GAMMA-GM66500-2.5TA3R Datasheet
214Kb / 11P
   5A ULTRA LOW - DROPOUT REGULATOR
More results


Similar Description - GM6655-3.3ST25RG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
TS1123 TSC-TS1123 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123 TSC-TS1123_08 Datasheet
189Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
logo
Acutechnology Semicondu...
AQ1541 ACUTECH-AQ1541 Datasheet
664Kb / 10P
   Low Dropout 1 Amp Voltage Regulator with Enable Function
logo
Taiwan Semiconductor Co...
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
   80mA CMOS Low Dropout Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
   150mA CMOS Low Dropout Voltage Regulator with Enable
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com