Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF3P20 Datasheet (PDF) - Fairchild Semiconductor

FQPF3P20 Datasheet PDF - Fairchild Semiconductor
Part # FQPF3P20
Download  FQPF3P20 Download

File Size   529.83 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description QFET P-CHANNEL

FQPF3P20 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF3P20 Datasheet PDF - Fairchild Semiconductor

Part # FQPF3P20
Download  FQPF3P20 Click to download

File Size   529.83 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description QFET P-CHANNEL

FQPF3P20 Datasheet (HTML) - Fairchild Semiconductor

FQPF3P20 Datasheet HTML 1Page - Fairchild Semiconductor FQPF3P20 Datasheet HTML 2Page - Fairchild Semiconductor FQPF3P20 Datasheet HTML 3Page - Fairchild Semiconductor FQPF3P20 Datasheet HTML 4Page - Fairchild Semiconductor FQPF3P20 Datasheet HTML 5Page - Fairchild Semiconductor FQPF3P20 Datasheet HTML 6Page - Fairchild Semiconductor FQPF3P20 Datasheet HTML 7Page - Fairchild Semiconductor FQPF3P20 Datasheet HTML 8Page - Fairchild Semiconductor

FQPF3P20 Product details

FEATURES
• Advanced New Design
• Avalanche Rugged Technology
• Rugged Gate Oxide Technology
• Very Low Intrinsic Capacitances
• Excellent Switching Characteristics
• Unrivalled Gate Charge: 6.0nC (Typ.)
• Extended Safe Operating Area
• Lower RDS(ON): 2.06Ω (Typ.)
   




Similar Part No. - FQPF3P20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF3P50 FAIRCHILD-FQPF3P50 Datasheet
620Kb / 8P
   500V P-Channel MOSFET
More results


Similar Description - FQPF3P20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB22P10 FAIRCHILD-FQB22P10_13 Datasheet
861Kb / 9P
   P-Channel QFET MOSFET
FQB34P10 FAIRCHILD-FQB34P10_13 Datasheet
526Kb / 9P
   P-Channel QFET MOSFET
FQT2P25TF FAIRCHILD-FQT2P25TF Datasheet
986Kb / 8P
   P-Channel QFET MOSFET
FQD17P06 FAIRCHILD-FQD17P06_13 Datasheet
892Kb / 9P
   P-Channel QFET MOSFET
FDMC2523P FAIRCHILD-FDMC2523P Datasheet
176Kb / 7P
   P-Channel QFET -150V, -3A, 1.5ohm
FDMC2523P FAIRCHILD-FDMC2523P_07 Datasheet
211Kb / 7P
   P-Channel QFET -150V, -3A, 1.5廓
FQP1N60 FAIRCHILD-FQP1N60 Datasheet
519Kb / 8P
   QFET N-CHANNEL
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com