Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF6N70 Datasheet (PDF) - Fairchild Semiconductor

FQPF6N70 Datasheet PDF - Fairchild Semiconductor
Part # FQPF6N70
Download  FQPF6N70 Download

File Size   560.31 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 700V N-Channel MOSFET

FQPF6N70 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF6N70 Datasheet PDF - Fairchild Semiconductor

Part # FQPF6N70
Download  FQPF6N70 Click to download

File Size   560.31 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 700V N-Channel MOSFET

FQPF6N70 Datasheet (HTML) - Fairchild Semiconductor

FQPF6N70 Datasheet HTML 1Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 2Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 3Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 4Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 5Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 6Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 7Page - Fairchild Semiconductor FQPF6N70 Datasheet HTML 8Page - Fairchild Semiconductor

FQPF6N70 Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology is especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation modes. These devices are well suited for high efficiency switch mode power supply.

Features
• 3.5A, 700V, RDS(on) = 1.5 Ω @ VGS = 10 V
• Low gate charge ( typical 30 nC)
• Low Crss ( typical 15 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQPF6N70

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6N15 FAIRCHILD-FQPF6N15 Datasheet
744Kb / 8P
   150V N-Channel MOSFET
FQPF6N25 FAIRCHILD-FQPF6N25 Datasheet
734Kb / 8P
   250V N-Channel MOSFET
FQPF6N40C FAIRCHILD-FQPF6N40C Datasheet
851Kb / 10P
   400V N-Channel MOSFET
FQPF6N40CF FAIRCHILD-FQPF6N40CF Datasheet
1Mb / 10P
   400V N-Channel MOSFET
FQPF6N40CF FAIRCHILD-FQPF6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
More results


Similar Description - FQPF6N70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com