Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF5N50CFTU Datasheet (PDF) - Fairchild Semiconductor

FQPF5N50CFTU Datasheet PDF - Fairchild Semiconductor
Part # FQPF5N50CFTU
Download  FQPF5N50CFTU Download

File Size   662.75 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low gate charge ( typical 18nC)

FQPF5N50CFTU Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF5N50CFTU Datasheet PDF - Fairchild Semiconductor

Part # FQPF5N50CFTU
Download  FQPF5N50CFTU Click to download

File Size   662.75 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low gate charge ( typical 18nC)

FQPF5N50CFTU Datasheet (HTML) - Fairchild Semiconductor

FQPF5N50CFTU Datasheet HTML 1Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 2Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 3Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 4Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 5Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 6Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 7Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 8Page - Fairchild Semiconductor

FQPF5N50CFTU Product details

Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switched mode power supplies, active power factor correction, electronic lamp ballasts based on half bridge topology.

Features
• 5A, 500V, RDS(on) = 1.55 Ω @VGS = 10 V
• Low gate charge ( typical 18nC)
• Low Crss ( typical 15pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQPF5N50CFTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
More results


Similar Description - FQPF5N50CFTU

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF840B KERSEMI-IRF840B Datasheet
1Mb / 9P
   Low gate charge ( typical 41 nC)
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
   Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
   Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
   Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
   Low gate charge.
logo
Advanced Power Electron...
AP4513GD A-POWER-AP4513GD_14 Datasheet
89Kb / 7P
   Low Gate Charge
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com