Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4800CP Datasheet (PDF) - Fairchild Semiconductor

ML4800CP Datasheet PDF - Fairchild Semiconductor
Part # ML4800CP
Download  ML4800CP Download

File Size   119.76 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Internally synchronized leading-edge PFC and trailing-edge PWM in one IC

ML4800CP Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4800CP Datasheet PDF - Fairchild Semiconductor

Part # ML4800CP
Download  ML4800CP Click to download

File Size   119.76 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Internally synchronized leading-edge PFC and trailing-edge PWM in one IC

ML4800CP Datasheet (HTML) - Fairchild Semiconductor

Back Button ML4800CP Datasheet HTML 1Page - Fairchild Semiconductor ML4800CP Datasheet HTML 2Page - Fairchild Semiconductor ML4800CP Datasheet HTML 3Page - Fairchild Semiconductor ML4800CP Datasheet HTML 4Page - Fairchild Semiconductor ML4800CP Datasheet HTML 5Page - Fairchild Semiconductor ML4800CP Datasheet HTML 6Page - Fairchild Semiconductor ML4800CP Datasheet HTML 7Page - Fairchild Semiconductor ML4800CP Datasheet HTML 8Page - Fairchild Semiconductor ML4800CP Datasheet HTML 9Page - Fairchild Semiconductor ML4800CP Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

ML4800CP Product details

General Description
The ML4800 is a controller for power factor corrected, switched mode power supplies. Power Factor Correction (PFC) allows the use of smaller, lower cost bulk capacitors, reduces power line loading and stress on the switching FETs, and results in a power supply that fully complies with IEC1000-3-2 specification. Intended as a BiCMOS version of the industry-standard ML4824, the ML4800 includes circuits for the implementation of leading edge, average current, “boost” type power factor correction and a trailing edge, pulse width modulator (PWM). It also includes a TriFault Detect™ function to help ensure that no unsafe conditions will result from single component failure in the PFC. Gate-drivers with 1A capabilities minimize the need for external driver circuits. Low power requirements improve efficiency and reduce component costs.
An over-voltage comparator shuts down the PFC section in the event of a sudden decrease in load. The PFC section also includes peak current limiting and input voltage brownout protection. The PWM section can be operated in current or voltage mode, at up to 250kHz, and includes an accurate 50% duty cycle limit to prevent transformer saturation.

Features
• Internally synchronized leading-edge PFC and trailing-
   edge PWM in one IC
• TriFault Detect™ for UL1950 compliance and enhanced
   safety
• Slew rate enhanced transconductance error amplifier for
   ultra-fast PFC response
• Low power: 200µA startup current, 5.5mA operating
   current
• Low total harmonic distortion, high PF
• Reduced ripple current in storage capacitor between PFC
   and PWM sections
• Average current, continuous boost leading edge PFC
• PWM configurable for current-mode or voltage mode
   operation
• Current fed gain modulator for improved noise immunity
• Overvoltage and brown-out protection, UVLO, and soft
   start




Similar Part No. - ML4800CP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4800CP FAIRCHILD-ML4800CP Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800CP FAIRCHILD-ML4800CP Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results


Similar Description - ML4800CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28521 TI-UCC28521_15 Datasheet
528Kb / 33P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
logo
AIMTEC
AMEPR8D-AZ AIMTEC-AMEPR8D-AZ Datasheet
259Kb / 4P
   Leading or Trailing Edge Triac
logo
Texas Instruments
UCC28528 TI-UCC28528 Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
M62501P RENESAS-M62501P Datasheet
150Kb / 11P
   PWM IC for the Synchronized Deflection System Control
logo
Mitsubishi Electric Sem...
M62501P MITSUBISHI-M62501P Datasheet
96Kb / 9P
   PWM IC for the synchronized deflection system control
M62502FP MITSUBISHI-M62502FP Datasheet
83Kb / 7P
   PWM IC for the synchronized deflection system control
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com