Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1410EUA Datasheet (PDF) - Microchip Technology

TC1410EUA Datasheet PDF - Microchip Technology
Part # TC1410EUA
Download  TC1410EUA Download

File Size   266.49 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 0.5A High-Speed MOSFET Drivers

TC1410EUA Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1410EUA Datasheet PDF - Microchip Technology

Part # TC1410EUA
Download  TC1410EUA Click to download

File Size   266.49 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 0.5A High-Speed MOSFET Drivers

TC1410EUA Datasheet (HTML) - Microchip Technology

Back Button TC1410EUA Datasheet HTML 1Page - Microchip Technology TC1410EUA Datasheet HTML 2Page - Microchip Technology TC1410EUA Datasheet HTML 3Page - Microchip Technology TC1410EUA Datasheet HTML 4Page - Microchip Technology TC1410EUA Datasheet HTML 5Page - Microchip Technology TC1410EUA Datasheet HTML 6Page - Microchip Technology TC1410EUA Datasheet HTML 7Page - Microchip Technology TC1410EUA Datasheet HTML 8Page - Microchip Technology TC1410EUA Datasheet HTML 9Page - Microchip Technology TC1410EUA Datasheet HTML 10Page - Microchip Technology Next Button 

TC1410EUA Product details

General Description
The TC1410/TC1410N are 0.5A CMOS buffers/drivers. They do not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. They can accept, without damage or logic upset, up to 500 mA of current of either polarity being forced back into their output. All terminals are fully protected against Electrostatic Discharge (ESD) up to 2.0 kV (HBM) and 400V (MM).
As MOSFET drivers, the TC1410/TC1410N can easily charge a 500 pF gate capacitance in 25 ns with matched rise and fall times. To ensure the MOSFET’s intended state will not be affected even by large transients, low enough impedance in both the ‘ON’ and ‘OFF’ states are provided. The leading and trailing edge propagation delay times are also matched to allow driving short-duration inputs with greater accuracy.

Features
• Latch-Up Protected: Withstands 500 mA Reverse Current
• Input Withstands Negative Inputs Up to 5V
• Electrostatic Discharge (ESD) Protected: 2.0 kV (HBM) and 400V (MM)
• High Peak Output Current: 0.5A
• Wide Input Supply Voltage Operating Range:
   - 4.5V to 16V
• High Capacitive Load Drive Capability:
   - 500 pF in 25 ns
• Short Delay Time: 30 ns typical
• Consistent Delay Times With Changes in Supply Voltage
• Matched Delay Times
• Low Supply Current
   - With Logic ‘1’ Input: 500 µA
   - With Logic ‘0’ Input: 100 µA
• Low Output Impedance: 16Ω
• Available in Space-Saving 8-pin MSOP Package
• Pinout – same as TC1411/TC1412/TC1413

Applications
• Switch Mode Power Supplies
• Line Drivers
• Pulse Transformer Drive
• Relay Driver




Similar Part No. - TC1410EUA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1410EOA TELCOM-TC1410EOA Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
TC1410EPA TELCOM-TC1410EPA Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
More results


Similar Description - TC1410EUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
logo
TelCom Semiconductor, I...
TC1410 TELCOM-TC1410 Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1410 MICROCHIP-TC1410_13 Datasheet
734Kb / 26P
   0.5A High-Speed MOSFET Drivers
11/29/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com