![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FQT13N06 - 60V N-Channel MOSFET - Fairchild Semiconductor |
|
Click Here View FQT13N06 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STD30NF06L | N-CHANNEL 60V - 0.022ohm - 35A DPAK/IPAK STripFET¢â POWER MOSFET | STMicroelectronics |
| STP14NF06 | N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET¢â POWER MOSFET | STMicroelectronics |
| FQB65N06 | 60V N-Channel MOSFET | Fairchild Semiconductor |
| HUF76409D3 | 17A 60V 0.071 Ohm N-Channel Logic Level UltraFET Power MOSFET | Fairchild Semiconductor |
| HUFA76439P3 | 71A 60V 0.014 Ohm N-Channel Logic Level UltraFET Power MOSFET | Fairchild Semiconductor |
| STP36NF06 | N-channel 60V - 0.032§Ù - 30A - TO-220/TO-220FP STripFET¢â II Power MOSFET | STMicroelectronics |
| HUF76423P3 | 33A 60V 0.035 Ohm N-Channel Logic Level UltraFET Power MOSFET | Intersil Corporation |
| RFL2N06L | 2A 60V 0.950 Ohm Logic Level N-Channel Power MOSFET | Intersil Corporation |
| ZXMHN6A07T8 | 60V N-CHANNEL MOSFET H-BRIDGE | Zetex Semiconductors |
| FDD107AN06LA0 | N-Channel PowerTrench MOSFET 60V 10A 107m | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| FQT13N06 Datasheet | FQT13N06 Cross Reference | FQT13N06 Schematic | FQT13N06 Distributor | FQT13N06 Datenblatt | FQT13N06 RoHS |
| FQT13N06 Equivalent | FQT13N06 Application Notes | FQT13N06 Data Sheet | FQT13N06 component | FQT13N06 Fiche Technique | FQT13N06 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |