![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FQT13N06L - 60V LOGIC N-Channel MOSFET - Fairchild Semiconductor |
|
Click Here View FQT13N06L Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| HUF76409D3 | 17A 60V 0.071 Ohm N-Channel Logic Level UltraFET Power MOSFET | Fairchild Semiconductor |
| HUFA76439P3 | 71A 60V 0.014 Ohm N-Channel Logic Level UltraFET Power MOSFET | Fairchild Semiconductor |
| HUF76423P3 | 33A 60V 0.035 Ohm N-Channel Logic Level UltraFET Power MOSFET | Intersil Corporation |
| RFL2N06L | 2A 60V 0.950 Ohm Logic Level N-Channel Power MOSFET | Intersil Corporation |
| HUF76409P3 | 17A 60V 0.070 Ohm N-Channel Logic Level UltraFET Power MOSFET | Fairchild Semiconductor |
| HUFA76407DK8 | 3.5A 60V 0.105 Ohm Dual N-Channel Logic Level UltraFET Power MOSFET | Fairchild Semiconductor |
| HUFA76443P3 | 75A 60V 0.0095 Ohm N-Channel Logic Level UltraFET Power MOSFET | Fairchild Semiconductor |
| HUF76429D3 | 20A 60V 0.027 Ohm N-Channel Logic Level UltraFET Power MOSFET | Intersil Corporation |
| FQP20N06L | 60V LOGIC N-Channel MOSFET | Fairchild Semiconductor |
| FQPF20N06L | 60V LOGIC N-Channel MOSFET | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| FQT13N06L Datasheet | FQT13N06L Cross Reference | FQT13N06L Schematic | FQT13N06L Distributor | FQT13N06L Datenblatt | FQT13N06L RoHS |
| FQT13N06L Equivalent | FQT13N06L Application Notes | FQT13N06L Data Sheet | FQT13N06L component | FQT13N06L Fiche Technique | FQT13N06L Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |