![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FQT4N20 - 200V N-Channel MOSFET - Fairchild Semiconductor |
|
Click Here View FQT4N20 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STD4N20 | N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY˘â MOSFET | STMicroelectronics |
| FDC2612 | 200V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FQAF19N20L | 200V LOGIC N-Channel MOSFET | Fairchild Semiconductor |
| FQB5N20L | 200V LOGIC N-Channel MOSFET | Fairchild Semiconductor |
| FQP4N20L | 200V LOGIC N-Channel MOSFET | Fairchild Semiconductor |
| FQPF4N20 | 200V N-Channel MOSFET | Fairchild Semiconductor |
| IRF630B | 200V N-Channel MOSFET | Fairchild Semiconductor |
| IRFW630B | 200V N-Channel MOSFET | Fairchild Semiconductor |
| BUZ32 | 9.5A 200V 0.400 Ohm N-Channel Power MOSFET | Intersil Corporation |
| IRFF210 | 2.2A 200V 1.500 Ohm N-Channel Power MOSFET | Intersil Corporation |
Link URL |
|
|
Related keyword |
| FQT4N20 Datasheet | FQT4N20 Cross Reference | FQT4N20 Schematic | FQT4N20 Distributor | FQT4N20 Datenblatt | FQT4N20 RoHS |
| FQT4N20 Equivalent | FQT4N20 Application Notes | FQT4N20 Data Sheet | FQT4N20 component | FQT4N20 Fiche Technique | FQT4N20 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |