Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBM20SL60 Datasheet (PDF) - Fairchild Semiconductor

FSBM20SL60 Datasheet PDF - Fairchild Semiconductor
Part # FSBM20SL60
Download  FSBM20SL60 Download

File Size   1626.21 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SPMTM (Smart Power Module)

FSBM20SL60 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSBM20SL60 Datasheet PDF - Fairchild Semiconductor

Part # FSBM20SL60
Download  FSBM20SL60 Click to download

File Size   1626.21 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SPMTM (Smart Power Module)

FSBM20SL60 Datasheet (HTML) - Fairchild Semiconductor

Back Button FSBM20SL60 Datasheet HTML 1Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 2Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 3Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 4Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 5Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 6Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 7Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 8Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 9Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FSBM20SL60 Product details

General Description
FSBM20SL60 is an advanced smart power module (SPM) that Fairchild has newly developed and designed to provide very compact and high performance ac motor drives mainly targeting low speed low-power inverter-driven application like air conditioners. It combines optimized circuit protection and drive matched to low-loss IGBTs. Highly effective short-circuit current detection/protection is realized through the use of advanced current sensing IGBT chips that allow continuous monitoring of the IGBTs current. System reliability is further enhanced by the integrated undervoltage lock-out protection.

Features
• UL Certified No. E209204
• 600V-20A 3-phase IGBT inverter bridge including control ICs for gate driving and protection
• Divided negative dc-link terminals for inverter current sensing applications
• Single-grounded power supply due to built-in HVIC
• Typical switching frequency of 3kHz
• Inverter power rating of 1.5kW / 100~253 Vac
• Isolation rating of 2500Vrms/min.
• Very low leakage current due to using ceramic substrate
• Adjustable current protection level by varying series resistor value with sense-IGBTs

Applications
• AC 100V ~ 253V 3-phase inverter drive for small power (1.5kW) ac motor drives
• Home appliances applications requiring low switching frequency operation like air conditioners drive system
• Application ratings:
    - Power : 1.5kW / 100~253 Vac
    - Switching frequency : Typical 3kHz (PWM Control)
    - 100% load current : 8A (Irms)
    - 150% load current : 12A (Irms) for 1 minute




Similar Part No. - FSBM20SL60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBM20SH60A FAIRCHILD-FSBM20SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSBM20SM60A FAIRCHILD-FSBM20SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Similar Description - FSBM20SL60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAM15SL60 FAIRCHILD-FSAM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SL60 FAIRCHILD-FSBM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM50SM60A FAIRCHILD-FSAM50SM60A Datasheet
421Kb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SM60A FAIRCHILD-FSAM20SM60A Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM30SH60A FAIRCHILD-FSAM30SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SH60 FAIRCHILD-FSBM15SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM30SH60 FAIRCHILD-FSBM30SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A Datasheet
975Kb / 17P
   SPMTM (Smart Power Module)
FSAM75SM60A FAIRCHILD-FSAM75SM60A Datasheet
385Kb / 16P
   SPMTM (Smart Power Module)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com