Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P1000-FG484 Datasheet (PDF) - Microsemi Corporation

A3P1000-FG484 Datasheet PDF - Microsemi Corporation
Part # A3P1000-FG484
Download  A3P1000-FG484 Download

File Size   10669.38 Kbytes
Page   220 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Capacity - 15 k to 1 M System Gates, Up to 144 kbits of True Dual-Port SRAM

A3P1000-FG484 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3P1000-FG484 Datasheet PDF - Microsemi Corporation

Part # A3P1000-FG484
Download  A3P1000-FG484 Click to download

File Size   10669.38 Kbytes
Page   220 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Capacity - 15 k to 1 M System Gates, Up to 144 kbits of True Dual-Port SRAM

A3P1000-FG484 Datasheet (HTML) - Microsemi Corporation

Back Button A3P1000-FG484 Datasheet HTML 1Page - Microsemi Corporation A3P1000-FG484 Datasheet HTML 2Page - Microsemi Corporation A3P1000-FG484 Datasheet HTML 3Page - Microsemi Corporation A3P1000-FG484 Datasheet HTML 4Page - Microsemi Corporation A3P1000-FG484 Datasheet HTML 5Page - Microsemi Corporation A3P1000-FG484 Datasheet HTML 6Page - Microsemi Corporation A3P1000-FG484 Datasheet HTML 7Page - Microsemi Corporation A3P1000-FG484 Datasheet HTML 8Page - Microsemi Corporation A3P1000-FG484 Datasheet HTML 9Page - Microsemi Corporation A3P1000-FG484 Datasheet HTML 10Page - Microsemi Corporation Next Button 

A3P1000-FG484 Product details

Features and Benefits
High Capacity
   • 15 k to 1 M System Gates
   • Up to 144 kbits of True Dual-Port SRAM
   • Up to 300 User I/Os
Reprogrammable Flash Technology
   • 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
   • Instant On Level 0 Support
   • Single-Chip Solution
   • Retains Programmed Design when Powered Off
High Performance
   • 350 MHz System Performance
   • 3.3 V, 66 MHz 64-Bit PCI†
In-System Programming (ISP) and Security
   • ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption (except ARM®-enabled ProASIC®3 devices) via JTAG (IEEE 1532–compliant)†
   • FlashLock® to Secure FPGA Contents
Low Power
   • Core Voltage for Low Power
   • Support for 1.5 V-Only Systems
   • Low-Impedance Flash Switches
High-Performance Routing Hierarchy
   • Segmented, Hierarchical Routing and Clock Structure
Advanced I/O
   • 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
   • 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
   • Wide Range Power Supply Voltage Support per JESD8-B, Allowing I/Os to Operate from 2.7 V to 3.6 V
   • Bank-Selectable I/O Voltages—up to 4 Banks per Chip
   • Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS 2.5 V / 5.0 V Input
   • Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS (A3P250 and above)
   • I/O Registers on Input, Output, and Enable Paths
   • Hot-Swappable and Cold Sparing I/Os‡
   • Programmable Output Slew Rate† and Drive Strength
   • Weak Pull-Up/-Down
   • IEEE 1149.1 (JTAG) Boundary Scan Test
   • Pin-Compatible Packages across the ProASIC3 Family
Clock Conditioning Circuit (CCC) and PLL†
   • Six CCC Blocks, One with an Integrated PLL
   • Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
   • Wide Input Frequency Range (1.5 MHz to 350 MHz)
Embedded Memory†
   • 1 kbit of FlashROM User Nonvolatile Memory
   • SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
   • True Dual-Port SRAM (except ×18)
ARM Processor Support in ProASIC3 FPGAs
   • M1 ProASIC3 Devices—ARM®Cortex™-M1 Soft Processor Available with or without Debug




Similar Part No. - A3P1000-FG484

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P1000-FG484I MICROSEMI-A3P1000-FG484I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Similar Description - A3P1000-FG484

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P015-QNG68 MICROSEMI-A3P015-QNG68 Datasheet
10Mb / 220P
   15 k to 1 M System Gates, Up to 144 kbits of True Dual-Port SRAM
A3P125-PQG208 MICROSEMI-A3P125-PQG208 Datasheet
10Mb / 220P
   Up to 144 kbits of True Dual-Port SRAM
A40MX02-FPL68 MICROSEMI-A40MX02-FPL68 Datasheet
7Mb / 142P
   Single-Chip ASIC Alternative, 3,000 to 54,000 System Gates, Up to 2.5 kbits Configurable Dual-Port SRAM
logo
Xilinx, Inc
XCV400E-6PQ240C XILINX-XCV400E-6PQ240C Datasheet
89Kb / 5P
   Densities from 58 k to 4 M system gates
logo
CIT Relay & Switch
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
   Load capacity of up to 15A
logo
Actel Corporation
APA075-FGG144 ACTEL-APA075-FGG144 Datasheet
352Kb / 10P
   75,000 to 1 Million System Gates
logo
Toshiba Semiconductor
DT01ACA300 TOSHIBA-DT01ACA300 Datasheet
594Kb / 2P
   Up to 3 TB of Data Storage Capacity
logo
Schurter Inc.
UMK250 SCHURTER-UMK250 Datasheet
303Kb / 3P
   High breaking capacity of up to 200 A @ 250 VAC
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
   High capacity of up to 1000 mA programmable charge current
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com