Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVLJD4007NZ Datasheet (PDF) - ON Semiconductor

NVLJD4007NZ Datasheet PDF - ON Semiconductor
Part # NVLJD4007NZ
Download  NVLJD4007NZ Download

File Size   132.81 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 30 V, 245 mA, Dual, N?묬hannel, Gate ESD Protection, 2x2 WDFN Package

NVLJD4007NZ Datasheet (PDF)

Go To PDF Page Download Datasheet
NVLJD4007NZ Datasheet PDF - ON Semiconductor

Part # NVLJD4007NZ
Download  NVLJD4007NZ Click to download

File Size   132.81 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 30 V, 245 mA, Dual, N?묬hannel, Gate ESD Protection, 2x2 WDFN Package

NVLJD4007NZ Datasheet (HTML) - ON Semiconductor

NVLJD4007NZ Datasheet HTML 1Page - ON Semiconductor NVLJD4007NZ Datasheet HTML 2Page - ON Semiconductor NVLJD4007NZ Datasheet HTML 3Page - ON Semiconductor NVLJD4007NZ Datasheet HTML 4Page - ON Semiconductor NVLJD4007NZ Datasheet HTML 5Page - ON Semiconductor NVLJD4007NZ Datasheet HTML 6Page - ON Semiconductor



Similar Part No. - NVLJD4007NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVLJS053N12MCL ONSEMI-NVLJS053N12MCL Datasheet
260Kb / 7P
   MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 53 m, 4.8 A
August, 2020 ??Rev. 0
NVLJS053N12MCLTAG ONSEMI-NVLJS053N12MCLTAG Datasheet
260Kb / 7P
   MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 53 m, 4.8 A
August, 2020 ??Rev. 0
NVLJWD023N04CL ONSEMI-NVLJWD023N04CL Datasheet
140Kb / 7P
   MOSFET – Power, Dual N-Channel 40 V, 23 m, 25 A
June, 2022 - Rev. 0
NVLJWD023N04CLTAG ONSEMI-NVLJWD023N04CLTAG Datasheet
140Kb / 7P
   MOSFET – Power, Dual N-Channel 40 V, 23 m, 25 A
June, 2022 - Rev. 0
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
   MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
More results


Similar Description - NVLJD4007NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
   Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NVTA7002NT1G ONSEMI-NVTA7002NT1G Datasheet
105Kb / 5P
   30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC-75
October, 2012 ??Rev. 5
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
logo
First Silicon Co., Ltd
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
logo
Leshan Radio Company
LNTK4003M3T5G LRC-LNTK4003M3T5G Datasheet
441Kb / 5P
   30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection
logo
ON Semiconductor
NTA7002N ONSEMI-NTA7002N Datasheet
56Kb / 6P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
logo
Leshan Radio Company
LNTR4003NLT1G LRC-LNTR4003NLT1G Datasheet
447Kb / 5P
   30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection, SOT-23
logo
ON Semiconductor
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
   Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTZD5110N ONSEMI-NTZD5110N Datasheet
110Kb / 5P
   60 V, 310 mA, Dual N?묬hannel with ESD Protection, SOT??63
April, 2007 ??Rev. 3
logo
First Silicon Co., Ltd
FTK4003N FS-FTK4003N Datasheet
485Kb / 5P
   30V, 0.56A, N?묬hannel, Gate ESD Protection
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com