Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTU16862 Datasheet (PDF) - Fairchild Semiconductor

FSTU16862 Datasheet PDF - Fairchild Semiconductor
Part # FSTU16862
Download  FSTU16862 Download

File Size   240.22 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20-Bit Bus Switch with -2V Undershoot Protection

FSTU16862 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSTU16862 Datasheet PDF - Fairchild Semiconductor

Part # FSTU16862
Download  FSTU16862 Click to download

File Size   240.22 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20-Bit Bus Switch with -2V Undershoot Protection

FSTU16862 Datasheet (HTML) - Fairchild Semiconductor

FSTU16862 Datasheet HTML 1Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 2Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 3Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 4Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 5Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 6Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 7Page - Fairchild Semiconductor

FSTU16862 Product details

General Description
The Fairchild Switch FSTU16862 provides 20-bits of high-speed CMOS TTL-compatible bus switching. The low On Resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.

Features
■ Undershoot hardened to 2V (A and B Ports)
■ 4: switch connection between two ports
■ Minimal propagation delay through the switch
■ Low lCC
■ Zero bounce in flow-through mode
■ Control inputs compatible with TTL level
■ See Application Note AN-5008 for details on FSTU - Undershoot Protected Fairchild Switch Family




Similar Part No. - FSTU16862

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862MTD FAIRCHILD-FSTU16862MTD Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862QSP FAIRCHILD-FSTU16862QSP Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
More results


Similar Description - FSTU16862

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
   20-Bit Low Power Bus Switch with -2V Undershoot Protection
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTU3384 FAIRCHILD-FSTU3384 Datasheet
99Kb / 5P
   10-Bit Bus Switch with -2V Undershoot Hardened Circuit (UHC?? Protection
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com