Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTUD162450GX Datasheet (PDF) - Fairchild Semiconductor

FSTUD162450GX Datasheet PDF - Fairchild Semiconductor
Part # FSTUD162450GX
Download  FSTUD162450GX Download

File Size   561.82 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs

FSTUD162450GX Datasheet (PDF)

Go To PDF Page Download Datasheet
FSTUD162450GX Datasheet PDF - Fairchild Semiconductor

Part # FSTUD162450GX
Download  FSTUD162450GX Click to download

File Size   561.82 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs

FSTUD162450GX Datasheet (HTML) - Fairchild Semiconductor

Back Button FSTUD162450GX Datasheet HTML 1Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 2Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 3Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 4Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 5Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 6Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 7Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 8Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 9Page - Fairchild Semiconductor FSTUD162450GX Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FSTUD162450GX Product details

General Description
The Fairchild Universal Bus Switch FSTUD162450 provides 4-bit, 5-bit, 8-bit, 10-bit, 16-bit, 20-bit of high-speed CMOS TTL-compatible bus switching. The low On Resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.

Features
■ Undershoot protected to −2V (A and B Ports)
■ Voltage level shifting
■ 25Ω switch connection between two ports
■ Minimal propagation delay through the switch
■ Low lCC
■ Zero bounce in flow-through mode
■ Control inputs compatible with TTL level
■ See Applications Notes AN-5008 and AN-5021 for UHC details
■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA) (Preliminary)




Similar Part No. - FSTUD162450GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16211GX FAIRCHILD-FSTUD16211GX Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD16211GX FAIRCHILD-FSTUD16211GX Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16211MTD FAIRCHILD-FSTUD16211MTD Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
More results


Similar Description - FSTUD162450GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTU162450 FAIRCHILD-FSTU162450 Datasheet
476Kb / 10P
   Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU162211 FAIRCHILD-FSTU162211 Datasheet
271Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com