Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTLP1B151 Datasheet (PDF) - Fairchild Semiconductor

GTLP1B151 Datasheet PDF - Fairchild Semiconductor
Part # GTLP1B151
Download  GTLP1B151 Download

File Size   112.61 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path

GTLP1B151 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTLP1B151 Datasheet PDF - Fairchild Semiconductor

Part # GTLP1B151
Download  GTLP1B151 Click to download

File Size   112.61 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path

GTLP1B151 Datasheet (HTML) - Fairchild Semiconductor

GTLP1B151 Datasheet HTML 1Page - Fairchild Semiconductor GTLP1B151 Datasheet HTML 2Page - Fairchild Semiconductor GTLP1B151 Datasheet HTML 3Page - Fairchild Semiconductor GTLP1B151 Datasheet HTML 4Page - Fairchild Semiconductor GTLP1B151 Datasheet HTML 5Page - Fairchild Semiconductor GTLP1B151 Datasheet HTML 6Page - Fairchild Semiconductor GTLP1B151 Datasheet HTML 7Page - Fairchild Semiconductor

GTLP1B151 Product details

General Description
The GTLP1B151 is a 1-bit transceiver that provides LVTTL-to-GTLP signal level translation. Individual LVTTL and GTLP driver enables are also available. The GTLP1B151 offers separate LVTTL inputs and outputs, and can provide a feedback path for control and diagnostics monitoring.

Features
■ Separate LVTTL inputs and outputs
■ A feedback path for control and diagnostics monitoring
■ Bidirectional interface between GTLP and LVTTL logic levels
■ Designed with edge rate control circuitry to reduce output noise on the GTLP port
■ VREF pin provides external supply reference voltage for receiver threshold adjustibility
■ Special PVT compensation circuitry to provide consistent performance over variations of process, supply voltage and temperature
■ TTL compatible driver and control inputs
■ Designed using Fairchild advanced BiCMOS technology
■ Bushold data inputs on A port to eliminate the need for external pull-up resistors for unused inputs
■ Power up/down and power off high impedance for live insertion
■ Open drain on GTLP to support wired-or connection
■ Flow through pinout optimizes PCB layout
■ A Port source/sink −24mA / +24mA
■ B Port sink +50mA




Similar Part No. - GTLP1B151

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP10B320MTD FAIRCHILD-GTLP10B320MTD Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP16612 FAIRCHILD-GTLP16612 Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
GTLP16612MEA FAIRCHILD-GTLP16612MEA Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
GTLP16612MTD FAIRCHILD-GTLP16612MTD Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
More results


Similar Description - GTLP1B151

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP2T152 FAIRCHILD-GTLP2T152 Datasheet
114Kb / 7P
   2-Bit LVTTL/GTLP Transceiver
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com